Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2341P Datasheet(PDF) 2 Page - Analog Power

Part # AM2341P
Description  P - Channel 40V (D-S) MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM2341P Datasheet(HTML) 2 Page - Analog Power

  AM2341P Datasheet HTML 1Page - Analog Power AM2341P Datasheet HTML 2Page - Analog Power AM2341P Datasheet HTML 3Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
AM2341P
Analog Power
August, 2005 - Rev. A
PRELIMINARY
Publication Order Number:
DS-AM2341_A
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty, representation
or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out of the application or
use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental
damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary in different applications and
actual performance may vary over time. All operating parameters, including “Typical” must be validated for each customer application by
customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL products are not designed,
intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or
sustain life, or for any other application in which the failure of the APL product could create a situation where personal injury or death may occur.
Should Buyer purchase or use APL products for any such unintended or unauthorized application, Buyer shall indemnify and hold APL and its
officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney
fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such
claim alleges that APL was negligent regarding the design or manufacture of the part. APL is an Equal Opportunity/Affirmative Action Employer.
Min Typ Max
VDS = -32 V, VGS = 0 V
-1
VDS = -32 V, VGS = 0 V, TJ = 55
oC
-10
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ±20 V
±100
nA
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = -250 uA
-1.0
V
On-State Drain Current
A
ID(on)
VDS = -5 V, VGS = -4.5 V
-2
A
VGS = -10 V, ID = -3.2 A
82
VGS = -4.5 V, ID = -2.6 A
130
Forward Tranconductance
A
gfs
VDS = -5 V, ID = -3.6 A
2
S
Diode Forward Voltage
VSD
IS = -0.4 A, VGS = 0 V
-0.70
V
Total Gate Charge
Qg
15
Gate-Source Charge
Qgs
2.0
Gate-Drain Charge
Qgd
2.0
Turn-On Delay Time
td(on)
10
Rise Time
tr
2.8
Turn-Off Delay Time
td(off)
53.6
Fall-Time
tf
46
nC
VDS = -15 V, ID = -1 A,
RG = 50 Ω,
VGEN = -10 V
Unit
Drain-Source On-Resistance
A
rDS(on)
mΩ
ns
Dynamic
b
VDS = -10 V, VGS = -5 V,
ID = -3.6 A
SPECIFICATIONS (TA = 25
o
C UNLESS OTHERWISE NOTED)
Switch Off Characteristics
Test Conditions
Zero Gate Voltage Drain Current
IDSS
µA
Symbol
Parameter
Limits


Similar Part No. - AM2341P

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM2340N ANALOGPOWER-AM2340N Datasheet
326Kb / 5P
   N-Channel 40-V (D-S) MOSFET
AM2340NE ANALOGPOWER-AM2340NE Datasheet
178Kb / 3P
   N-Channel 40-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AM2340NE-T1-PF VBSEMI-AM2340NE-T1-PF Datasheet
1Mb / 9P
   N-Channel 30-V (D-S) MOSFET
logo
AiT Semiconductor Inc.
AM2342 AITSEMI-AM2342 Datasheet
335Kb / 8P
   MOSFET 20V N-CHANNEL ENHANCEMENT MODE
REV1.0
AM2342E3R AITSEMI-AM2342E3R Datasheet
335Kb / 8P
   MOSFET 20V N-CHANNEL ENHANCEMENT MODE
REV1.0
More results

Similar Description - AM2341P

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM2345PE ANALOGPOWER-AM2345PE Datasheet
183Kb / 3P
   P - Channel 40V (D-S) MOSFET
AM2345P ANALOGPOWER-AM2345P Datasheet
32Kb / 3P
   P - Channel 40V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AFC4599WS8RG VBSEMI-AFC4599WS8RG Datasheet
1Mb / 14P
   N- and P-Channel 40V (D-S) MOSFET
SI4564DY VBSEMI-SI4564DY Datasheet
1Mb / 14P
   N- and P-Channel 40V (D-S) MOSFET
SPC4527S8RGB VBSEMI-SPC4527S8RGB Datasheet
1Mb / 14P
   N- and P-Channel 40V (D-S) MOSFET
SP8M21TB VBSEMI-SP8M21TB Datasheet
1Mb / 14P
   N- and P-Channel 40V (D-S) MOSFET
SPC4527WS8RGB VBSEMI-SPC4527WS8RGB Datasheet
1Mb / 14P
   N- and P-Channel 40V (D-S) MOSFET
SSG4542C VBSEMI-SSG4542C Datasheet
1Mb / 14P
   N- and P-Channel 40V (D-S) MOSFET
SSM4565GM VBSEMI-SSM4565GM Datasheet
1Mb / 14P
   N- and P-Channel 40V (D-S) MOSFET
AM4545C-T1-PF VBSEMI-AM4545C-T1-PF Datasheet
1Mb / 14P
   N- and P-Channel 40V (D-S) MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com