Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM5401WCRWZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADUM5401WCRWZ
Description  Quad-Channel Isolators with Integrated DC-to-DC Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM5401WCRWZ Datasheet(HTML) 4 Page - Analog Devices

  ADUM5401WCRWZ Datasheet HTML 1Page - Analog Devices ADUM5401WCRWZ Datasheet HTML 2Page - Analog Devices ADUM5401WCRWZ Datasheet HTML 3Page - Analog Devices ADUM5401WCRWZ Datasheet HTML 4Page - Analog Devices ADUM5401WCRWZ Datasheet HTML 5Page - Analog Devices ADUM5401WCRWZ Datasheet HTML 6Page - Analog Devices ADUM5401WCRWZ Datasheet HTML 7Page - Analog Devices ADUM5401WCRWZ Datasheet HTML 8Page - Analog Devices ADUM5401WCRWZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADuM5401W/ADuM5402W/ADuM5403W
Data Sheet
Rev. D | Page 4 of 24
Table 5. Input and Output Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DC SPECIFICATIONS
Logic High Input Threshold1
VIH
0.7 × VISO or 0.7 × VDD1
V
Logic Low Input Threshold1
VIL
0.3 × VISO or
0.3 × VDD1
V
Logic High Output Voltages2
VOH
VDD1 − 0.3 or VISO − 0.3
5.0
V
IOx = −20 µA, VIx = VIxH
VDD1 − 0.5 or VISO − 0.5
4.8
V
IOx = −4 mA, VIx = VIxH
Logic Low Output Voltages2
VOL
0.0
0.1
V
IOx = 20 µA, VIx = VIxL
0.2
0.4
V
IOx = 4 mA, VIx = VIxL
Undervoltage Lockout
UVLO
VDD1, VISO supplies
Positive Going Threshold
VUV+
2.7
V
Negative Going Threshold
VUV−
2.4
V
Hysteresis
VUVH
0.3
V
Input Currents Per Channel
II
−20
+0.01
+20
µA
0 V ≤ VIx ≤ VDD1 or VISO
AC SPECIFICATIONS
Output Rise/Fall Time
tR/tF
2.5
ns
10% to 90%
Common-Mode Transient
Immunity3
|CM|
25
35
kV/µs
VIx = VDD1 or VISO, VCM = 1000 V,
transient magnitude = 800 V
Refresh Rate
fr
1.0
Mbps
1
VSEL is a nonstandard input that has a logic threshold of approximately 0.9 V.
2
RCOUT is a nonstandard output intended to interface with other isoPower parts. It is not recommended for standard digital loads.
3
|CM| is the maximum common-mode voltage slew rate that can be sustained while maintaining VO > 0.7 × VDD1 or 0.7 × VISO for a high output or VO < 0.3 × VDD1 or 0.3 × VISO for a
low output. The common-mode voltage slew rates apply to both rising and falling common-mode voltage edges.


Similar Part No. - ADUM5401WCRWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM5401WCRWZ AD-ADUM5401WCRWZ Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
ADUM5401WCRWZ-1 AD-ADUM5401WCRWZ-1 Datasheet
539Kb / 24P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
ADUM5401WCRWZ-1 AD-ADUM5401WCRWZ-1 Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
More results

Similar Description - ADUM5401WCRWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM5401W AD-ADUM5401W Datasheet
452Kb / 20P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM6420A AD-ADUM6420A Datasheet
533Kb / 26P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
ADUM5401 AD-ADUM5401 Datasheet
587Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM5401WCRWZ-1 AD-ADUM5401WCRWZ-1 Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
ADUM6400 AD-ADUM6400 Datasheet
593Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM6420A AD-ADUM6420A_V01 Datasheet
732Kb / 31P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM5404ARWZ-RL AD-ADUM5404ARWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM6400 AD-ADUM6400_V01 Datasheet
470Kb / 28P
   Quad-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM5401_VB AD-ADUM5401_VB Datasheet
481Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM5401ARWZ-RL AD-ADUM5401ARWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com