Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2358NE Datasheet(PDF) 2 Page - Analog Power

Part # AM2358NE
Description  N-Channel 60V (D-S) MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM2358NE Datasheet(HTML) 2 Page - Analog Power

  AM2358NE Datasheet HTML 1Page - Analog Power AM2358NE Datasheet HTML 2Page - Analog Power AM2358NE Datasheet HTML 3Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
AM2358NE
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM2358NE_A
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty, representation
or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out of the application or
use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental
damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary in different applications and
actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by
customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL products are not designed,
intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or
sustain life, or for any other application in which the failure of the APL product could create a situation where personal injury or death may occur.
Should Buyer purchase or use APL products for any such unintended or unauthorized application, Buyer shall indemnify and hold APL and its
officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney
fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such
claim alleges that APL was negligent regarding the design or manufacture of the part. APL is an Equal Opportunity/Affirmative Action Employer.
Min Typ Max
Gate-Threshold Voltage
VGS(th)
VDS =VGS, ID =250uA
1.0
V
Gate-Body Leakage
IGSS
VDS= 0 V, VGS= ±20 V
±10
uA
VDS =48V, VGS =0V
1
VDS= 48 V, VGS= 0V, TJ = 55
oC
50
On-State Drain Current
A
ID(on)
VDS =5V, VGS =10V
10
A
VGS =10V, ID =3.1A
92
VGS =4.5V, ID =2.9A
107
Forward Tranconductance
A
gfs
VDS =4.5V, ID =3.1A
8
S
Diode Forward Voltage
VSD
IS =1.7A, VGS =0V
1.10
V
Total Gate Charge
Qg
3.6
Gate-Source Charge
Qgs
1.8
Gate-Drain Charge
Qgd
1.3
Turn-On Delay Time
td(on)
10
Rise Time
tr
10
Turn-Off Delay Time
td(off)
20
Fall-Time
tf
10
Dynamic
b
SPECIFICATIONS(TA =25
oCUNLESSOTHERWISENOTED)
uA
IDSS
Zero Gate Voltage Drain Current
Static
Test Conditions
Symbol
Drain-Source On-Resistance
A
rDS(on)
VDD =30V, RL =30Ω, ID =1A,
VGEN=10V
VDS =30V, VGS =5V, ID =3.1A
nC
ns
mΩ
Parameter
Limits
Unit


Similar Part No. - AM2358NE

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AM2358NE-T1-PF VBSEMI-AM2358NE-T1-PF Datasheet
1Mb / 9P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - AM2358NE

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MSD23N58 BWTECH-MSD23N58 Datasheet
227Kb / 4P
   N-Channel 60V (D-S) MOSFET
logo
Analog Power
AM2398NE ANALOGPOWER-AM2398NE Datasheet
183Kb / 3P
   N-Channel 60V (D-S) MOSFET
logo
SHIKUES Electronics
SK10N06 SKTECHNOLGY-SK10N06 Datasheet
963Kb / 4P
   N-Channel 60V(D-S) MOSFET
logo
Analog Power
AM2398N ANALOGPOWER-AM2398N Datasheet
139Kb / 3P
   N-Channel 60V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
VBTA161K VBSEMI-VBTA161K Datasheet
720Kb / 8P
   N-Channel 60V (D-S) MOSFET
2N7002T. VBSEMI-2N7002T. Datasheet
1Mb / 8P
   N-Channel 60V (D-S) MOSFET
logo
Analog Power
AM3460N ANALOGPOWER-AM3460N Datasheet
115Kb / 3P
   N-Channel 60V (D-S) MOSFET
AM1360NE ANALOGPOWER-AM1360NE Datasheet
121Kb / 3P
   N-Channel 60V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
VB5610N VBSEMI-VB5610N Datasheet
800Kb / 10P
   N- and P-Channel 60V (D-S) MOSFET
VB562K VBSEMI-VB562K Datasheet
765Kb / 10P
   N- and P-Channel 60V (D-S) MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com