Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2359P Datasheet(PDF) 4 Page - Analog Power

Part # AM2359P
Description  P-Channel 60-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM2359P Datasheet(HTML) 4 Page - Analog Power

  AM2359P Datasheet HTML 1Page - Analog Power AM2359P Datasheet HTML 2Page - Analog Power AM2359P Datasheet HTML 3Page - Analog Power AM2359P Datasheet HTML 4Page - Analog Power AM2359P Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
AM2359P
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM2359_H
0
10
20
30
40
50
0.001
0.01
0.1
1
10
100
t1, TIME (SEC)
SINGLE PULSE
RqJA = 125oC/W
TA = 25oC
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t1, TIM E (s ec)
S INGLE P ULS E
0.01
0.02
0.0
0.1
0.2
D = 0.5
Rq
JA(t) = r(t) + R qJA
Rq
JA = 125 °C /W
T
J - TA = P *R qJA(t)
Duty Cycle, D = t1/ t2
P (pk
t1
t2
Typical Electrical Characteristics
Normailized Thermal Transient Impedance, Junction-to-Ambitent
Single Pulse Power
Threshold Voltage
Source-Drain Diode Forward Voltage
On-Resistance vs Gate-to-Source Voltage
Normalized Thermal Transient Junction to Ambient
0.0001
0.001
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
VSD - Source-to-Drain Voltage (V)
TA = 125
oC
25
oC
0.05
0.1
0.15
0.2
0.25
0.3
0.35
24
68
10
VGS - Gate-to-Source Voltage (V)
1.8
2
2.2
2.4
2.6
2.8
3
3.2
-50
-25
0
25
50
75
100
125
150
TJ - Temperature (
oC)
ID = -250µA


Similar Part No. - AM2359P

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM2359PE ANALOGPOWER-AM2359PE Datasheet
342Kb / 5P
   P-Channel 60-V (D-S) MOSFET
More results

Similar Description - AM2359P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI6459BDQ VISHAY-SI6459BDQ Datasheet
78Kb / 5P
   P-Channel 60-V (D-S) MOSFET
Rev. A, 03-Nov-03
logo
Bruckewell Technology L...
MSD30P06 BWTECH-MSD30P06 Datasheet
544Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Analog Power
AM90P06-20B ANALOGPOWER-AM90P06-20B Datasheet
367Kb / 5P
   P-Channel 60-V (D-S) MOSFET
AM30P06-40D ANALOGPOWER-AM30P06-40D Datasheet
350Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
TP0610K VISHAY-TP0610K_06 Datasheet
199Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 02-Jan-06
SI3459DV VISHAY-SI3459DV Datasheet
62Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 29-Nov-99
SI6459DQ VISHAY-SI6459DQ Datasheet
60Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. D, 29-Nov-99
logo
Analog Power
AM7461P ANALOGPOWER-AM7461P Datasheet
182Kb / 3P
   P-Channel 60-V (D-S) MOSFET
AM7463P ANALOGPOWER-AM7463P Datasheet
357Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7461DP VISHAY-SI7461DP_05 Datasheet
202Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 12-Dec-05
logo
Analog Power
AM90P06-08P ANALOGPOWER-AM90P06-08P Datasheet
345Kb / 5P
   P-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com