Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2370N Datasheet(PDF) 2 Page - Analog Power

Part # AM2370N
Description  N-Channel 100V (D-S) MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM2370N Datasheet(HTML) 2 Page - Analog Power

  AM2370N Datasheet HTML 1Page - Analog Power AM2370N Datasheet HTML 2Page - Analog Power AM2370N Datasheet HTML 3Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
AM2370N
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM2370_B
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty, representation
or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out of the application or
use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental
damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary in different applications and
actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by
customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL products are not designed,
intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or
sustain life, or for any other application in which the failure of the APL product could create a situation where personal injury or death may occur.
Should Buyer purchase or use APL products for any such unintended or unauthorized application, Buyer shall indemnify and hold APL and its
officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney
fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such
claim alleges that APL was negligent regarding the design or manufacture of the part. APL is an Equal Opportunity/Affirmative Action Employer.
Min Typ Max
Gate-Threshold Voltage
VGS(th)
VDS =VGS, ID =250uA
1.0
V
Gate-Body Leakage
IGSS
VDS= 0V, VGS=±8V
±100
nA
VDS =80V, VGS =0V
1
VDS= 80 V, VGS=0 V, TJ = 55
oC
10
On-State Drain Current
A
ID(on)
VDS =5V, VGS =10V
10
A
VGS =10V, ID =1.8A
280
VGS =5.5V, ID =1.6A
355
Forward Tranconductance
A
gfs
VDS =10V, ID =1.8A
11.3
S
Diode Forward Voltage
VSD
IS =1.6A, VGS =0V
0.75
V
Total Gate Charge
Qg
7.0
Gate-Source Charge
Qgs
1.1
Gate-Drain Charge
Qgd
2.0
Turn-On Delay Time
td(on)
8
Rise Time
tr
24
Turn-Off Delay Time
td(off)
35
Fall-Time
tf
10
mΩ
Parameter
Limits
Unit
VDD =10V, RL =15Ω, ID =1A,
VGEN=4.5V
VDS =10V, VGS =5.5V, ID =1.8A
nC
ns
Dynamic
b
SPECIFICATIONS(TA =25
oCUNLESSOTHERWISENOTED)
uA
IDSS
Zero Gate Voltage Drain Current
Static
Test Conditions
Symbol
Drain-Source On-Resistance
A
rDS(on)


Similar Part No. - AM2370N

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM2371P ANALOGPOWER-AM2371P Datasheet
328Kb / 5P
   P-Channel 100-V (D-S) MOSFET
AM2372N ANALOGPOWER-AM2372N Datasheet
322Kb / 5P
   N-Channel 100-V (D-S) MOSFET
AM2373P ANALOGPOWER-AM2373P Datasheet
301Kb / 5P
   P-Channel 100-V (D-S) MOSFET
AM2374N ANALOGPOWER-AM2374N Datasheet
320Kb / 5P
   N-Channel 100-V (D-S) MOSFET
More results

Similar Description - AM2370N

ManufacturerPart #DatasheetDescription
logo
Shenzhen Foster Semicon...
FIR60N04LG FOSTER-FIR60N04LG Datasheet
4Mb / 7P
   N-Channel 100V(D-S) MOSFET
logo
VBsemi Electronics Co.,...
VBE1105 VBSEMI-VBE1105 Datasheet
609Kb / 8P
   N-Channel 100V (D-S) MOSFET
logo
Analog Power
AM3470N ANALOGPOWER-AM3470N Datasheet
181Kb / 3P
   N-Channel 100V (D-S) MOSFET
logo
Shenzhen Foster Semicon...
FIR60N04BPG FOSTER-FIR60N04BPG Datasheet
4Mb / 7P
   N-Channel 100V(D-S) MOSFET
logo
SHIKUES Electronics
SK15N10 SKTECHNOLGY-SK15N10 Datasheet
1Mb / 4P
   N-Channel 100V(D-S) MOSFET
logo
VBsemi Electronics Co.,...
VBE1105 VBSEMI-VBE1105_V01 Datasheet
622Kb / 8P
   N-Channel 100V (D-S) MOSFET
logo
Analog Power
AM3472N ANALOGPOWER-AM3472N Datasheet
97Kb / 3P
   N-Channel 100V (D-S) MOSFET
logo
Shenzhen Foster Semicon...
FIR14N10DG FOSTER-FIR14N10DG Datasheet
4Mb / 7P
   N-Channel 100V (D-S) MOSFET
FIR14N02DG FOSTER-FIR14N02DG Datasheet
3Mb / 8P
   N-Channel 100V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
4N10L06 VBSEMI-4N10L06 Datasheet
1Mb / 8P
   N-Channel 100V (D-S) MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com