Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA1704 Datasheet(PDF) 1 Page - Agamem Microelectronic Inc.

Part # AA1704
Description  HIGH POWER LED DRIVER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGAMEM [Agamem Microelectronic Inc.]
Direct Link  http://www.agamem.com.tw/
Logo AGAMEM - Agamem Microelectronic Inc.

AA1704 Datasheet(HTML) 1 Page - Agamem Microelectronic Inc.

  AA1704 Datasheet HTML 1Page - Agamem Microelectronic Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Agamem Microelectronics Inc.
AA1704
PRELIMINARY
HIGH POWER LED DRIVER
©Copyright Agamem Microelectronics Inc.
www.agamem.com.tw
2009/08/02
Ver 1.0
AGAMEM MICROELECTRONICS INCORPORATION RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO
ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. AGAMEM DOES NOT ASSUME ANY LIABILITY
ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCTS OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY
ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
1
„
DESCRIPTION
The AA1704 is a constant current driver to be applied on LED applications. It provides four regulated current ports
for maximum output current up to 360mA. Users may decide the output current by external resistor. In addition,
the LED brightness can be adjusted via
OE . Build-in thermal protection can prevent the chip over heat damage.
„
FEATURES
• Constant output current sink for driving LEDs
• Adjustable output current controlled by external resistor
• Build-in thermal protection
• Schmitt trigger input
• 5V Supply voltage
• SOP8 package with thermal pad
„
APPLICATIONS
• High power LED driver
• RGB full color power LED driver
• LED table lamp
„
BLOCK DIAGRAM


Similar Part No. - AA1704

ManufacturerPart #DatasheetDescription
logo
Agamem Microelectronic ...
AA1700 AGAMEM-AA1700 Datasheet
228Kb / 10P
   Constant Current White LED driver
logo
Vishay Barry
AA1700-75-1X BARRY-AA1700-75-1X Datasheet
192Kb / 1P
   Aluminum Nitride FLANGED ATTENUATOR
Revision Date 04/28/08
logo
Agamem Microelectronic ...
AA1702 AGAMEM-AA1702 Datasheet
46Kb / 1P
   HIGH POWER LED DRIVER
logo
Taoglas antenna solutio...
AA170301111 TAOGLAS-AA170301111 Datasheet
1Mb / 22P
   Magma IP67 GPS/GLONASS/GALILEO/BeiDou External Automotive Antenna 3M RG-174 SMA(M)
More results

Similar Description - AA1704

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2842 DIODES-PAM2842 Datasheet
503Kb / 17P
   HIGH POWER LED DRIVER
logo
Intersil Corporation
ISL78100 INTERSIL-ISL78100 Datasheet
713Kb / 19P
   High Power LED Driver
logo
Princeton Technology Co...
PT6904 PTC-PT6904 Datasheet
371Kb / 4P
   High Power LED Driver
PT6901 PTC-PT6901 Datasheet
230Kb / 4P
   High Power LED Driver
logo
Agamem Microelectronic ...
AA1716 AGAMEM-AA1716 Datasheet
45Kb / 1P
   HIGH POWER LED DRIVER
AA1702 AGAMEM-AA1702 Datasheet
46Kb / 1P
   HIGH POWER LED DRIVER
logo
Princeton Technology Co...
PT6901 PTC-PT6901_10 Datasheet
230Kb / 4P
   High Power LED Driver
logo
List of Unclassifed Man...
MLX10803 ETC2-MLX10803 Datasheet
462Kb / 25P
   High power LED driver
MLX10803 ETC2-MLX10803_06 Datasheet
461Kb / 25P
   High power LED driver
logo
IK Semicon Co., Ltd
IK2804 IKSEMICON-IK2804 Datasheet
590Kb / 12P
   HIGH-POWER LED DRIVER
IK2802 IKSEMICON-IK2802 Datasheet
597Kb / 12P
   HIGH-POWER LED DRIVER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com