Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5048BAUTTG16 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX5048BAUTTG16
Description  7.6A, 12ns, SOT23/TDFN, MOSFET Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5048BAUTTG16 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX5048BAUTTG16 Datasheet HTML 3Page - Maxim Integrated Products MAX5048BAUTTG16 Datasheet HTML 4Page - Maxim Integrated Products MAX5048BAUTTG16 Datasheet HTML 5Page - Maxim Integrated Products MAX5048BAUTTG16 Datasheet HTML 6Page - Maxim Integrated Products MAX5048BAUTTG16 Datasheet HTML 7Page - Maxim Integrated Products MAX5048BAUTTG16 Datasheet HTML 8Page - Maxim Integrated Products MAX5048BAUTTG16 Datasheet HTML 9Page - Maxim Integrated Products MAX5048BAUTTG16 Datasheet HTML 10Page - Maxim Integrated Products MAX5048BAUTTG16 Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MAX5048
7.6A, 12ns, SOT23/TDFN, MOSFET Driver
8
Maxim Integrated
The quiescent current is 0.95mA typical. The current
required to charge and discharge the internal nodes is
frequency dependent (see the
Typical Operating
Characteristics). The MAX5048A/MAX5048B power dis-
sipation when driving a ground referenced resistive
load is:
P = D x RON(MAX) x ILOAD2
where D is the fraction of the period the MAX5048A/
MAX5048Bs’ output pulls high, RON (MAX) is the maxi-
mum on-resistance of the device with the output high
(P-channel), and ILOAD is the output load current of the
MAX5048A/MAX5048B.
For capacitive loads, the power dissipation is:
P = CLOAD x (V+)2 x FREQ
where CLOAD is the capacitive load, V+ is the supply
voltage, and FREQ is the switching frequency.
Layout Information
The MOSFET drivers MAX5048A/MAX5048B source-
and-sink large currents to create very fast rise and fall
edges at the gate of the switching MOSFET. The high
di/dt can cause unacceptable ringing if the trace
lengths and impedances are not well controlled. The
following PCB layout guidelines are recommended
when designing with the MAX5048A/MAX5048B:
• Place one or more 0.1µF decoupling ceramic capaci-
tor(s) from V+ to GND as close to the device as possi-
ble. At least one storage capacitor of 10µF (min)
should be located on the PC board with a low resis-
tance path to the V+ pin of the MAX5048A/MAX5048B.
• There are two AC current loops formed between the
device and the gate of the MOSFET being driven.
The MOSFET looks like a large capacitance from
gate to source when the gate is being pulled low.
The active current loop is from N_OUT of the
MAX5048A/MAX5048B to the MOSFET gate to the
MOSFET source and to GND of the MAX5048A/
MAX5048B. When the gate of the MOSFET is being
pulled high, the active current loop is from P_OUT of
the MAX5048A/MAX5048B to the MOSFET gate to
the MOSFET source to the GND terminal of the
decoupling capacitor to the V+ terminal of the
decoupling capacitor and to the V+ terminal of the
MAX5048A/MAX5048B. While the charging current
loop is important, the discharging current loop is crit-
ical. It is important to minimize the physical distance
and the impedance in these AC current paths.
• In a multilayer PCB, the component surface layer
surrounding the MAX5048A/MAX5048B should con-
sist of a GND plane containing the discharging and
charging current loops.
IN+
VIL
90%
10%
tD–OFF
P_OUT AND
N_OUT
TIED
TOGETHER
tD–ON
tF
tR
IN+
IN-
V+
V+
CL
N_OUT
GND
P_OUT
TEST CIRCUIT
TIMING DIAGRAM
MAX5048A
MAX5048B
INPUT
OUTPUT
VIH
Figure 1. Timing Diagram and Test Circuit


Similar Part No. - MAX5048BAUTTG16

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5048BAUT-T MAXIM-MAX5048BAUT-T Datasheet
292Kb / 9P
   7.6A, 12ns, SOT23 MOSFET Driver
Rev 2; 5/03
MAX5048BAUT-T MAXIM-MAX5048BAUT-T Datasheet
661Kb / 11P
   7.6A, 12ns, SOT23/TDFN, MOSFET Driver
Rev 4; 7/05
MAX5048BAUT-T MAXIM-MAX5048BAUT-T Datasheet
267Kb / 11P
   7.6A, 12ns, SOT23/TDFN, MOSFET Driver
Rev 6; 10/14
MAX5048BAUT-T MAXIM-MAX5048BAUT-T Datasheet
267Kb / 11P
   7.6A, 12ns, SOT23/TDFN, MOSFET Driver
2014
More results

Similar Description - MAX5048BAUTTG16

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5048 MAXIM-MAX5048_05 Datasheet
661Kb / 11P
   7.6A, 12ns, SOT23/TDFN, MOSFET Driver
Rev 4; 7/05
MAX5048 MAXIM-MAX5048_V01 Datasheet
267Kb / 11P
   7.6A, 12ns, SOT23/TDFN, MOSFET Driver
2014
MAX5048A MAXIM-MAX5048A Datasheet
267Kb / 11P
   7.6A, 12ns, SOT23/TDFN, MOSFET Driver
Rev 6; 10/14
MAX5048 MAXIM-MAX5048 Datasheet
292Kb / 9P
   7.6A, 12ns, SOT23 MOSFET Driver
Rev 2; 5/03
MAX25615 MAXIM-MAX25615 Datasheet
808Kb / 9P
   7A Sink, 3A Source, 12ns, SOT23 MOSFET Driver
Rev 2; 11/18
MAX15070A MAXIM-MAX15070A_V01 Datasheet
829Kb / 10P
   7A Sink, 3A Source, 12ns, SOT23 MOSFET Drivers
2019
MAX15070A MAXIM-MAX15070A Datasheet
1Mb / 9P
   7A Sink, 3A Source, 12ns, SOT23 MOSFET Drivers
Rev 1; 11/11
MAX15070A MAXIM-MAX15070A_13 Datasheet
1Mb / 9P
   7A Sink, 3A Source, 12ns, SOT23 MOSFET Drivers
Rev 3; 5/13
MAX5900 MAXIM-MAX5900_07 Datasheet
295Kb / 14P
   100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
MAX5902AAETT-T MAXIM-MAX5902AAETT-T Datasheet
339Kb / 14P
   72V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 3; 1/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com