Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5048BAUTTG16 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5048BAUTTG16
Description  7.6A, 12ns, SOT23/TDFN, MOSFET Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5048BAUTTG16 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5048BAUTTG16 Datasheet HTML 1Page - Maxim Integrated Products MAX5048BAUTTG16 Datasheet HTML 2Page - Maxim Integrated Products MAX5048BAUTTG16 Datasheet HTML 3Page - Maxim Integrated Products MAX5048BAUTTG16 Datasheet HTML 4Page - Maxim Integrated Products MAX5048BAUTTG16 Datasheet HTML 5Page - Maxim Integrated Products MAX5048BAUTTG16 Datasheet HTML 6Page - Maxim Integrated Products MAX5048BAUTTG16 Datasheet HTML 7Page - Maxim Integrated Products MAX5048BAUTTG16 Datasheet HTML 8Page - Maxim Integrated Products MAX5048BAUTTG16 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MAX5048
7.6A, 12ns, SOT23/TDFN, MOSFET Driver
2
Maxim Integrated
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(V+ = +12V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 3)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltages Referenced to GND
V+ ...........................................................................-0.3V to +13V
IN+, IN-...................................................................-0.3V to +14V
N_OUT, P_OUT ............................................-0.3V to (V+ + 0.3V)
N_OUT Continuous Output Current (Note 1) ....................390mA
P_OUT Continuous Output Current (Note 1).....................100mA
Continuous Power Dissipation* (TA = +70°C)
6-Pin SOT23 (derate 9.1mW/°C above +70°C)............727mW
6-Pin TDFN (derate 18.2mW/°C above +70°C) .........1454mW
Operating Temperature Range .........................-40°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
Note 1: Continuous output current is limited by the power dissipation of the package.
*As per JEDEC51 standard.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
V+ Operating Range
V+
4.0
12.6
V
V+ Undervoltage Lockout
UVLO
V+ rising
3.25
3.6
4.00
V
V+ Undervoltage Lockout
Hysteresis
400
mV
V+ Undervoltage Lockout to
Output Delay Time
V+ rising
300
ns
V+ Supply Current
I+
IN+ = IN- = V+
0.95
1.5
mA
n-CHANNEL OUTPUT
TA = +25°C
0.23
0.26
VV+ = +10V,
IN-OUT = -100mA
TA = +125°C
0.38
0.43
TA = +25°C
0.24
0.28
Driver Output Resistance—
Pulling Down (MAX5048AAUT/
MAX5048BAUT)
RON-N
VV+ = +4.5V,
IN-OUT = -100mA
TA = +125°C
0.40
0.47
TA = +25°C
0.31
0.34
VV+ = +10V,
IN-OUT = -100mA
TA = +125°C
0.46
0.51
TA = +25°C
0.32
0.36
Driver Output Resistance—
Pulling Down (MAX5048AATT/
MAX5048BATT)
RON-N
VV+ = +4.5V,
IN-OUT = -100mA
TA = +125°C
0.48
0.55
Note 2: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to www.maximintegrated.com/thermal-tutorial.
PACKAGE THERMAL CHARACTERISTICS (Note 2)
SOT23
Junction-to-Case Thermal Resistance (
θJC)......................75°C/W
TDFN
Junction-to-Case Thermal Resistance (
θJC).......................8.5°C/W


Similar Part No. - MAX5048BAUTTG16

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5048BAUT-T MAXIM-MAX5048BAUT-T Datasheet
292Kb / 9P
   7.6A, 12ns, SOT23 MOSFET Driver
Rev 2; 5/03
MAX5048BAUT-T MAXIM-MAX5048BAUT-T Datasheet
661Kb / 11P
   7.6A, 12ns, SOT23/TDFN, MOSFET Driver
Rev 4; 7/05
MAX5048BAUT-T MAXIM-MAX5048BAUT-T Datasheet
267Kb / 11P
   7.6A, 12ns, SOT23/TDFN, MOSFET Driver
Rev 6; 10/14
MAX5048BAUT-T MAXIM-MAX5048BAUT-T Datasheet
267Kb / 11P
   7.6A, 12ns, SOT23/TDFN, MOSFET Driver
2014
More results

Similar Description - MAX5048BAUTTG16

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5048 MAXIM-MAX5048_05 Datasheet
661Kb / 11P
   7.6A, 12ns, SOT23/TDFN, MOSFET Driver
Rev 4; 7/05
MAX5048 MAXIM-MAX5048_V01 Datasheet
267Kb / 11P
   7.6A, 12ns, SOT23/TDFN, MOSFET Driver
2014
MAX5048A MAXIM-MAX5048A Datasheet
267Kb / 11P
   7.6A, 12ns, SOT23/TDFN, MOSFET Driver
Rev 6; 10/14
MAX5048 MAXIM-MAX5048 Datasheet
292Kb / 9P
   7.6A, 12ns, SOT23 MOSFET Driver
Rev 2; 5/03
MAX25615 MAXIM-MAX25615 Datasheet
808Kb / 9P
   7A Sink, 3A Source, 12ns, SOT23 MOSFET Driver
Rev 2; 11/18
MAX15070A MAXIM-MAX15070A_V01 Datasheet
829Kb / 10P
   7A Sink, 3A Source, 12ns, SOT23 MOSFET Drivers
2019
MAX15070A MAXIM-MAX15070A Datasheet
1Mb / 9P
   7A Sink, 3A Source, 12ns, SOT23 MOSFET Drivers
Rev 1; 11/11
MAX15070A MAXIM-MAX15070A_13 Datasheet
1Mb / 9P
   7A Sink, 3A Source, 12ns, SOT23 MOSFET Drivers
Rev 3; 5/13
MAX5900 MAXIM-MAX5900_07 Datasheet
295Kb / 14P
   100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
MAX5902AAETT-T MAXIM-MAX5902AAETT-T Datasheet
339Kb / 14P
   72V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 3; 1/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com