Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4148WX-TP Datasheet(PDF) 3 Page - Micro Commercial Components

Part # 1N4148WX-TP
Description  High Speed Switching Diode 200mW
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N4148WX-TP Datasheet(HTML) 3 Page - Micro Commercial Components

  1N4148WX-TP Datasheet HTML 1Page - Micro Commercial Components 1N4148WX-TP Datasheet HTML 2Page - Micro Commercial Components 1N4148WX-TP Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MCC
Revision: C
2013/01/01
TM
Micro Commercial Components
www.mccsemi.com
3 of 3
3
Device
Packing
Part Number-TP
Tape&Reel: 3Kpcs/Reel
***IMPORTANT NOTICE***
Micro Commercial Components Corp. reserves the right to make changes without further notice to any product herein to
make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components
Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it
convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all
risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are
represented on our website, harmless against all damages.
***LIFE SUPPORT***
MCC's products are not authorized for use as critical components in life support devices or systems without the express written
approval of Micro Commercial Components Corporation.
***CUSTOMER AWARENESS***
Counterfeiting of semiconductor parts is a growing problem in the industry. Micro Commercial Components (MCC) is taking
strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. MCC strongly encourages
customers to purchase MCC parts either directly from MCC or from Authorized MCC Distributors who are listed by country on
our web page cited
below. Products customers buy either from MCC directly or from Authorized MCC Distributors are genuine
parts, have full traceability, meet MCC's quality standards for handling and storage. MCC will not provide any warranty
coverage or other assistance for parts bought from Unauthorized Sources. MCC is committed to combat this global
problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized
distributors.
Ordering Information :
Note : Adding "-HF" suffix for halogen free, eg. Part Number-TP-HF


Similar Part No. - 1N4148WX-TP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N4148WX MCC-1N4148WX Datasheet
99Kb / 2P
   High Speed Switching Diode 500mW
logo
Shanghai Lunsure Electr...
1N4148WX CHENYI-1N4148WX Datasheet
69Kb / 2P
   High Speed Switching Diode 500mW
logo
Micro Commercial Compon...
1N4148WX MCC-1N4148WX Datasheet
165Kb / 3P
   High Speed Switching Diode 500mW
logo
Shanghai Shunye Electro...
1N4148WX SY-1N4148WX Datasheet
940Kb / 3P
   FAST SWITCHING DIODES
logo
Micro Commercial Compon...
1N4148WXL MCC-1N4148WXL Datasheet
295Kb / 3P
   High Speed Switching Diode 200mW
More results

Similar Description - 1N4148WX-TP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N4148WX MCC-1N4148WX_13 Datasheet
189Kb / 3P
   High Speed Switching Diode 200mW
1N4148WX MCC-1N4148WX_16 Datasheet
295Kb / 3P
   High Speed Switching Diode 200mW
1N4148WXL MCC-1N4148WXL Datasheet
295Kb / 3P
   High Speed Switching Diode 200mW
1N4448WX MCC-1N4448WX_13 Datasheet
206Kb / 3P
   High Speed Switching Diode 200mW
1N4448WX MCC-1N4448WX Datasheet
173Kb / 2P
   High Speed Switching Diode 200mW
logo
Shanghai Lunsure Electr...
1N4148W CHENYI-1N4148W Datasheet
143Kb / 3P
   High Speed Switching Diode 200mW
logo
Micro Commercial Compon...
1N4448WX MCC-1N4448WX_11 Datasheet
183Kb / 3P
   High Speed Switching Diode 200mW
logo
Taiwan Semiconductor Co...
1N4148WS TSC-1N4148WS_10 Datasheet
171Kb / 3P
   200mW High Speed SMD Switching Diode
1SS355 TSC-1SS355_14 Datasheet
163Kb / 3P
   200mW High Speed SMD Switching Diode
TS4148C TSC-TS4148C_14 Datasheet
206Kb / 4P
   200mW High Speed SMD Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com