Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC28F640P33BF60A Datasheet(PDF) 6 Page - Micron Technology

Part # PC28F640P33BF60A
Description  Numonyx짰 P33-65nm Flash Memory
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

PC28F640P33BF60A Datasheet(HTML) 6 Page - Micron Technology

Back Button PC28F640P33BF60A Datasheet HTML 2Page - Micron Technology PC28F640P33BF60A Datasheet HTML 3Page - Micron Technology PC28F640P33BF60A Datasheet HTML 4Page - Micron Technology PC28F640P33BF60A Datasheet HTML 5Page - Micron Technology PC28F640P33BF60A Datasheet HTML 6Page - Micron Technology PC28F640P33BF60A Datasheet HTML 7Page - Micron Technology PC28F640P33BF60A Datasheet HTML 8Page - Micron Technology PC28F640P33BF60A Datasheet HTML 9Page - Micron Technology PC28F640P33BF60A Datasheet HTML 10Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 88 page
background image
P33-65nm
Datasheet
Jul 2011
6
Order Number: 208034-04
1.3
Memory Maps
Figure 1: P33-65nm Memory Map (64-Mbit and 128-Mbit Densities)
16- Kword Block
64- Kword Block
16- Kword Block
Bottom Boot
Word Wide (x16) Mode
7F0000
7FFFFF
000000 – 003FFF
64- Kword Block
3F0000 3FFFFF
1
0
130
A<23:1>128- Mbit
16- Kword Block
16- Kword Block
64- Kword Block
64- Kword Block
004000 – 007FFF
008000 – 00BFFF
00C000– 00FFFF
010000 – 01FFFF
020000 – 02FFFF
2
3
4
5
66
16- Kword Block
16- Kword Block
Top Boot
Word Wide (x16) Mode
64- Kword Block
128
127
16- Kword Block
16- Kword Block
64- Kword Block
64- Kword Block
129
130
0
1
126
000000–00FFFF
010000–01FFFF
7F 0000–
7F4000–7F7000
7F8000–7FBFFF
7FC000–7FFFFF
7E0000–7EFFFF
A<22:1> 64-Mbit
A<23:1>128- Mbit
16- Kword Block
16- Kword Block
Top Boot
Word Wide (x16) Mode
64- Kword Block
64
63
16- Kword Block
16- Kword Block
64- Kword Block
64- Kword Block
65
66
0
1
62
000000–00FFFF
010000–01FFFF
3F0000–3F3FFF
3F4000–3F7FFF
3F8000–3FBFFF
3FC000–3FFFFF
3E0000–3EFFFF
A<22:1> 64-Mbit
7F3FFF


Similar Part No. - PC28F640P33BF60A

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
PC28F640P33BF60 NUMONYX-PC28F640P33BF60 Datasheet
3Mb / 88P
   Numonyx짰 P33-65nm Flash Memory
PC28F640P33BF60D NUMONYX-PC28F640P33BF60D Datasheet
3Mb / 88P
   Numonyx짰 P33-65nm Flash Memory 128-Mbit, 64-Mbit Single Bit per Cell (SBC)
More results

Similar Description - PC28F640P33BF60A

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
PC28F128P33BF60A NUMONYX-PC28F128P33BF60A Datasheet
3Mb / 88P
   Numonyx짰 P33-65nm Flash Memory
logo
Micron Technology
JS28F640P30TF75A MICRON-JS28F640P30TF75A Datasheet
1Mb / 90P
   Numonyx짰 Axcell??P30-65nm Flash Memory
PC28F00BP30EFA MICRON-PC28F00BP30EFA Datasheet
11Mb / 86P
   Numonyx짰 Axcell??P30-65nm Flash Memory
logo
Numonyx B.V
PC28F640P33BF60D NUMONYX-PC28F640P33BF60D Datasheet
3Mb / 88P
   Numonyx짰 P33-65nm Flash Memory 128-Mbit, 64-Mbit Single Bit per Cell (SBC)
logo
Micron Technology
JS28F128P33BF70 MICRON-JS28F128P33BF70 Datasheet
3Mb / 88P
   Numonyx짰 P33-65nm Flash Memory 128-Mbit, 64-Mbit Single Bit per Cell (SBC)
RC28F640P33TF60A MICRON-RC28F640P33TF60A Datasheet
3Mb / 88P
   Numonyx짰 P33-65nm Flash Memory 128-Mbit, 64-Mbit Single Bit per Cell (SBC)
JS28F00AP33BFA MICRON-JS28F00AP33BFA Datasheet
987Kb / 92P
   Micron Parallel NOR Flash Embedded Memory (P33-65nm)
RC28F128J3F75A MICRON-RC28F128J3F75A Datasheet
2Mb / 66P
   Numonyx짰 Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
PC28F128J3F75A MICRON-PC28F128J3F75A Datasheet
2Mb / 66P
   Numonyx짰 Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
PC28F00AP30TFA MICRON-PC28F00AP30TFA Datasheet
11Mb / 86P
   Numonyx짰 Axcell??P30-65nm Flash Memory 512-Mbit, 1-Gbit , 2-Gbit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com