Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLM21AG601SN1p Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # BLM21AG601SN1p
Description  EMIFILr (Inductor type) Chip Ferrite Bead
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM21AG601SN1p Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  BLM21AG601SN1p Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. BLM21AG601SN1p Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. BLM21AG601SN1p Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
1
Noise Suppression Products/EMI Suppression Filters > EMIFIL
r (Inductor type) > Chip Ferrite Bead
2011.11.2
oThis data sheet is applied for CHIP FERRITE BEAD used for General Electronics equipment for your design.
EMIFIL
r (Inductor type) Chip Ferrite Bead
BLM21A Series (0805 Size)
c Dimensions
2.0±0.2
0.5±0.2
1.25±0.2
EIA CODE : 0805
(in mm)
: Electrode
c Equivalent Circuit
(Resistance element becomes dominant
at high frequencies.)
c Packaging
Code
Packaging
Minimum Quantity
D
180mm Paper Tape
4000
J
330mm Paper Tape
10000
B
Bulk(Bag)
1000
c Rated Value (p: packaging code)
Part Number
Impedance
(at 100MHz/20°C)
Impedance
(at 1GHz/20°C)
Rated Current
DC Resistance
Operating
Temperature Range
BLM21AG121SN1
p
120ohm ±25%
-
800mA
0.10ohm max.
-55 to +125°C
BLM21AG151SN1
p
150ohm ±25%
-
800mA
0.10ohm max.
-55 to +125°C
BLM21AG221SN1
p
220ohm ±25%
-
800mA
0.13ohm max.
-55 to +125°C
BLM21AG331SN1
p
330ohm ±25%
-
700mA
0.16ohm max.
-55 to +125°C
BLM21AG471SN1
p
470ohm ±25%
-
700mA
0.19ohm max.
-55 to +125°C
BLM21AG601SN1
p
600ohm ±25%
-
600mA
0.21ohm max.
-55 to +125°C
BLM21AG102SN1
p
1000ohm ±25%
-
500mA
0.28ohm max.
-55 to +125°C
Number of Circuits: 1
c Impedance-Frequency Characteristics (Main Items)
Frequency (MHz)
1
10
100
1000
3000
1200
900
600
300
0
BLM21AG331SN1
BLM21AG221SN1
BLM21AG601SN1
BLM21AG471SN1
BLM21AG121SN1
BLM21AG102SN1
BLM21AG151SN1
Continued on the following page.


Similar Part No. - BLM21AG601SN1p

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM21AG601SN1p MURATA-BLM21AG601SN1p Datasheet
112Kb / 3P
   Chip Ferrite Bead
More results

Similar Description - BLM21AG601SN1p

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM21PG300SN1D MURATA-BLM21PG300SN1D Datasheet
123Kb / 4P
   EMIFILr (Inductor type) Chip Ferrite Bead
BLM21PG600SN1D MURATA-BLM21PG600SN1D Datasheet
123Kb / 4P
   EMIFILr (Inductor type) Chip Ferrite Bead
BLM18EG221SN1D MURATA-BLM18EG221SN1D Datasheet
152Kb / 4P
   EMIFILr (Inductor type) Chip Ferrite Bead for GHz Noise
BLM18HE102SN1D MURATA-BLM18HE102SN1D Datasheet
228Kb / 6P
   EMIFILr (Inductor type) Chip Ferrite Bead for GHz Noise
BLM31A MURATA-BLM31A Datasheet
50Kb / 2P
   Chip EMIFILr Inductor Type Chip Ferrite Beads
BLM18A MURATA-BLM18A Datasheet
71Kb / 3P
   Chip EMIFILr Inductor Type Chip Ferrite Beads
BLM18RK121SN1 MURATA-BLM18RK121SN1 Datasheet
75Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM18RK102SN1D MURATA-BLM18RK102SN1D Datasheet
81Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM18P MURATA-BLM18P Datasheet
84Kb / 4P
   Chip EMIFILr Inductor Type
BLM21PG220SN1D MURATA-BLM21PG220SN1D Datasheet
123Kb / 4P
   EMIFIL (Inductor type) Chip Ferrite Bead
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com