Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B25360A6226J040 Datasheet(PDF) 3 Page - EPCOS

Part # B25360A6226J040
Description  Film capacitors ??Power Electronic Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25360A6226J040 Datasheet(HTML) 3 Page - EPCOS

  B25360A6226J040 Datasheet HTML 1Page - EPCOS B25360A6226J040 Datasheet HTML 2Page - EPCOS B25360A6226J040 Datasheet HTML 3Page - EPCOS B25360A6226J040 Datasheet HTML 4Page - EPCOS B25360A6226J040 Datasheet HTML 5Page - EPCOS B25360A6226J040 Datasheet HTML 6Page - EPCOS B25360A6226J040 Datasheet HTML 7Page - EPCOS B25360A6226J040 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Film capacitors – Power Electronic Capacitors
B2536*
General purpose applications
MKP AC HP
FILM P PM
May 2012
Please read Cautions and warnings and
Page 3 of 8
Important notes at the end of this document.
*Considering mounting position with terminals to the top. For other mounting position, please request evaluation.
**Maximum temperature allowed at the capacitors hot spot
Reference
standards
IEC 61071
Certification: UL 810-5th edition
Dimensional drawing M10 screw terminal
Climatic category 40/70/21
Minimum temperature
Θmin.
–40 °C
Maximum temperature
Θmax.*
+60 ºC
Storage temperature
Θstg
–40 ºC … +85 ºC
Maximum hotspot temperature
Θhs**
+70 ºC
Humidity
95% (ttest = 21 days)
Maximum altitude
2000 m above sea level
Design
data
Dimensions (d x h)
According to specification table
Weight approx.
According to specification table
Impregnation
Castor oil, non PCB
Fixing
Threaded bolt M12
Max. torque
M12: 12 Nm
Max. torque
M10: 10 Nm
Mounting position
Upright


Similar Part No. - B25360A6226J040

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25355 EPCOS-B25355 Datasheet
436Kb / 30P
   MP DC Capacitors Smoothing, Supporting, Discharge
B25355C4477K005 EPCOS-B25355C4477K005 Datasheet
436Kb / 30P
   MP DC Capacitors Smoothing, Supporting, Discharge
B25355C4727K005 EPCOS-B25355C4727K005 Datasheet
436Kb / 30P
   MP DC Capacitors Smoothing, Supporting, Discharge
B25355C6337K005 EPCOS-B25355C6337K005 Datasheet
436Kb / 30P
   MP DC Capacitors Smoothing, Supporting, Discharge
B25355C6527K005 EPCOS-B25355C6527K005 Datasheet
436Kb / 30P
   MP DC Capacitors Smoothing, Supporting, Discharge
More results

Similar Description - B25360A6226J040

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B25667C5147A175 TDK-B25667C5147A175 Datasheet
175Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5177A175 TDK-B25667C5177A175 Datasheet
182Kb / 10P
   Film Capacitors - Power Electronic Capacitors
B25667C2557A175 TDK-B25667C2557A175 Datasheet
174Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4467A375 TDK-B25667C4467A375 Datasheet
167Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4866A375 TDK-B25667C4866A375 Datasheet
170Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5117A175 TDK-B25667C5117A175 Datasheet
175Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5127A375 TDK-B25667C5127A375 Datasheet
167Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4347A375 TDK-B25667C4347A375 Datasheet
166Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25631S0227K600 TDK-B25631S0227K600 Datasheet
248Kb / 9P
   Film Capacitors - Power Electronic Capacitors
logo
EPCOS
B2562 EPCOS-B2562 Datasheet
341Kb / 10P
   Film capacitors- Power electronic capacitors
B25655J4507K005 EPCOS-B25655J4507K005 Datasheet
422Kb / 6P
   Film capacitors - Power electronic capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com