Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M891 Datasheet(PDF) 2 Page - EPCOS

Part # M891
Description  NTC thermistors for temperature measurement
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

M891 Datasheet(HTML) 2 Page - EPCOS

  M891 Datasheet HTML 1Page - EPCOS M891 Datasheet HTML 2Page - EPCOS M891 Datasheet HTML 3Page - EPCOS M891 Datasheet HTML 4Page - EPCOS M891 Datasheet HTML 5Page - EPCOS M891 Datasheet HTML 6Page - EPCOS M891 Datasheet HTML 7Page - EPCOS M891 Datasheet HTML 8Page - EPCOS M891 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Applications
Temperature measurement and
compensation
Features
Wide resistance range
Cost-effective
Lacquer-coated thermistor disk
Leads: copper-clad Fe wire, tinned
Marked with resistance and tolerance
Options
Lead spacing 5 mm available on request
Delivery mode
Bulk (standard), cardboard tape, reeled or in
Ammo pack on request
Dimensional drawing
Dimensions in mm
Approx. weight 0.2 g
General technical data
Climatic category
(IEC 60068-1)
40/125/56
Max. power
(at 25
°C)
P25
200
mW
Resistance tolerance
∆R
R/RR
±5, ±10
%
Rated temperature
TR
25
°C
Dissipation factor
(in air)
δ
th
approx. 3.5
mW/K
Thermal cooling time constant
(in air)
τ
c
approx. 12
s
Heat capacity
Cth
approx. 40
mJ/K
Electrical specification and ordering codes
R25
No. of R/T
characteristic
B25/100
K
Ordering code
+ =
Resistance tolerance
J =
±5%
K =
±10%
1 k
1009
3930
±3%
B57891M0102+000
1.5 k
1008
3560
±3%
B57891M0152+000
2.2 k
1013
3900
±3%
B57891M0222+000
3.3 k
2003
3980
±3%
B57891M0332+000
4.7 k
2003
3980
±3%
B57891M0472+000
6.8 k
2003
3980
±3%
B57891M0682+000
10 k
4901
3950
±3%
B57891M0103+000
15 k
2004
4100
±3%
B57891M0153+000
22 k
2904
4300
±3%
B57891M0223+000
Temperature measurement and compensation
B57891M
Leaded NTC thermistors, lead spacing 2.5 mm
M891
Page 2 of 28
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - M891

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M89131W-15K1T STMICROELECTRONICS-M89131W-15K1T Datasheet
52Kb / 7P
   In-System Programmable ISP Multiple-Memory and Logic FLASHPSD Systems for MCUs
M89131W-15K6T STMICROELECTRONICS-M89131W-15K6T Datasheet
52Kb / 7P
   In-System Programmable ISP Multiple-Memory and Logic FLASHPSD Systems for MCUs
M89131W-15T1T STMICROELECTRONICS-M89131W-15T1T Datasheet
52Kb / 7P
   In-System Programmable ISP Multiple-Memory and Logic FLASHPSD Systems for MCUs
M89131W-15T6T STMICROELECTRONICS-M89131W-15T6T Datasheet
52Kb / 7P
   In-System Programmable ISP Multiple-Memory and Logic FLASHPSD Systems for MCUs
M89131W-90K1T STMICROELECTRONICS-M89131W-90K1T Datasheet
52Kb / 7P
   In-System Programmable ISP Multiple-Memory and Logic FLASHPSD Systems for MCUs
More results

Similar Description - M891

ManufacturerPart #DatasheetDescription
logo
EPCOS
PROBEASS__B57703__M703 EPCOS-PROBEASS__B57703__M703 Datasheet
205Kb / 10P
   NTC thermistors for temperature measurement
SMD__NIBARRIER__0603 EPCOS-SMD__NIBARRIER__0603 Datasheet
414Kb / 20P
   NTC thermistors for temperature measurement
B57514K EPCOS-B57514K Datasheet
199Kb / 9P
   NTC thermistors for temperature measurement
B57442V5472H062 EPCOS-B57442V5472H062 Datasheet
455Kb / 19P
   NTC thermistors for temperature measurement
G1550 EPCOS-G1550 Datasheet
435Kb / 22P
   NTC thermistors for temperature measurement
G1565 EPCOS-G1565 Datasheet
412Kb / 20P
   NTC thermistors for temperature measurement
S885 EPCOS-S885 Datasheet
538Kb / 27P
   NTC thermistors for temperature measurement
S981 EPCOS-S981 Datasheet
537Kb / 27P
   NTC thermistors for temperature measurement
B57861S103F40 EPCOS-B57861S103F40 Datasheet
422Kb / 20P
   NTC thermistors for temperature measurement
B57867S0202F140 EPCOS-B57867S0202F140 Datasheet
257Kb / 15P
   NTC thermistors for temperature measurement
B57871S0212F000 EPCOS-B57871S0212F000 Datasheet
339Kb / 19P
   NTC thermistors for temperature measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com