Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B25832C4166K009 Datasheet(PDF) 5 Page - EPCOS

Part # B25832C4166K009
Description  MKV AC capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25832C4166K009 Datasheet(HTML) 5 Page - EPCOS

  B25832C4166K009 Datasheet HTML 1Page - EPCOS B25832C4166K009 Datasheet HTML 2Page - EPCOS B25832C4166K009 Datasheet HTML 3Page - EPCOS B25832C4166K009 Datasheet HTML 4Page - EPCOS B25832C4166K009 Datasheet HTML 5Page - EPCOS B25832C4166K009 Datasheet HTML 6Page - EPCOS B25832C4166K009 Datasheet HTML 7Page - EPCOS B25832C4166K009 Datasheet HTML 8Page - EPCOS B25832C4166K009 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Please read Cautions and warnings and
5
09/05
Important notes at the end of this document.
MKV AC Capacitors
General AC Applications
B25832
V
R = AC 930 V
= 1200 V
vs = 1600 V
VTT = AC 1200 V, 10 s
VTC = AC 2700 V, 10 s
1.5
10
45
110
33.0
90 30 × 80
4
70
B25832F6155K001
2.0
10
60
150
26.0
90 30 × 80
4
70
B25832F6205K001
2.5
16
75
190
22.0
90 35 × 80
5
100
B25832F6255K001
3.0
18
90
230
17.0
90 40 × 86
1
130
B25832C6305K009
4.0
18
120
300
14.0
90 40 × 86
1
130
B25832C6405K009
5.0
18
150
380
12.0
90 45 × 86
1
160
B25832C6505K009
5.5
18
170
410
11.0
90 45 × 86
1
160
B25832C6555K009
6.0
18
180
450
10.0
90 50 × 86
1
200
B25832C6605K009
7.0
18
210
530
9.2
90 50 × 86
1
200
B25832C6705K009
8.0
18
240
600
8.5
90 55 × 86
1
250
B25832C6805K009
10
18
300
750
7.5
90 60 × 86
1
300
B25832C6106K009
12
18
360
900
6.7
90 60 × 86
1
300
B25832C6126K009
15
18
450
1100
7.0
110 79.2 × 104
2
600
B25832C6156K009
18
18
540
1400
6.5
110 79.2 × 104
2
600
B25832C6186K009
20
18
600
1500
6.3
110 89.3 × 104
2
800
B25832C6206K009
22
18
660
1700
6.2
110 89.3 × 104
2
800
B25832C6226K009
Characteristics and ordering codes
CR1)
μF
Imax
A
î
A
Is
A
RS
20 °C
Lself
nH
Dimensions
d × l
mm
Fig. Appr.
weight
g
Ordering code
1) Other capacitance values upon request


Similar Part No. - B25832C4166K009

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25832C4166K009 EPCOS-B25832C4166K009 Datasheet
276Kb / 10P
   MKV AC capacitors
More results

Similar Description - B25832C4166K009

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25832F4105K001 EPCOS-B25832F4105K001 Datasheet
276Kb / 10P
   MKV AC capacitors
B25834 EPCOS-B25834 Datasheet
303Kb / 12P
   MKV AC capacitors
B25835 EPCOS-B25835 Datasheet
174Kb / 8P
   MKV AC capacitors
B25838 EPCOS-B25838 Datasheet
179Kb / 8P
   MKV AC Capacitors Damping
B25856 EPCOS-B25856 Datasheet
179Kb / 6P
   MKV AC, MKV DC Capacitors LSI Snubbering and Clamping
B25836-A5147-A172 EPCOS-B25836-A5147-A172 Datasheet
32Kb / 1P
   MKV-Capacitor
B25836B6107A305 EPCOS-B25836B6107A305 Datasheet
466Kb / 9P
   Film capacitors - Power Factor Correction MKV capacitors
B25836B5287A305 EPCOS-B25836B5287A305 Datasheet
175Kb / 9P
   Film capacitors - Power Factor Correction MKV capacitors
B25836B6137A305 EPCOS-B25836B6137A305 Datasheet
175Kb / 9P
   Film capacitors - Power Factor Correction MKV capacitors
B25836B6167A305 EPCOS-B25836B6167A305 Datasheet
175Kb / 9P
   Film capacitors - Power Factor Correction MKV capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com