Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B25623B1427K104 Datasheet(PDF) 11 Page - EPCOS

Part # B25623B1427K104
Description  Film Capacitors ??Power Electronic Capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25623B1427K104 Datasheet(HTML) 11 Page - EPCOS

Back Button B25623B1427K104 Datasheet HTML 7Page - EPCOS B25623B1427K104 Datasheet HTML 8Page - EPCOS B25623B1427K104 Datasheet HTML 9Page - EPCOS B25623B1427K104 Datasheet HTML 10Page - EPCOS B25623B1427K104 Datasheet HTML 11Page - EPCOS B25623B1427K104 Datasheet HTML 12Page - EPCOS B25623B1427K104 Datasheet HTML 13Page - EPCOS B25623B1427K104 Datasheet HTML 14Page - EPCOS B25623B1427K104 Datasheet HTML 15Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Film Capacitors – Power Electronic Capacitors
B2562*
MKP DC
FILM R&D / FILM P PM
January 2013 – Version 8
Please read Cautions and warnings and
Page 11 of 20
Important notes at the end of this document.
VR = 1980 V DC / VTT = 2970 V DC, 10s / VTC = 4000 V AC, 10s
CR
µF
IMAX
1
A
Is
kA
Î
kA
RS
m
Ω
Lself
nH
RTH
K/W
D
mm
H
mm
Weight
kg
Fig.
Ordering Code
40
35
4.5
1.5
2.1
≤ 60
5.4
85
70
0.45
1
B25620B1406K981
40
35
4.5
1.5
2.1
≤ 60
5.4
85
73
0.48
2
B25620C1406K981
70
40
4.9
1.6
2.8
≤ 60
4
85
95
0.58
1
B25620B1706K981
70
40
4.9
1.6
2.8
≤ 60
4
85
98
0.61
2
B25620C1706K981
145
50
10
3.4
1.1
≤ 60
2.2
85
173
1.05
1
B25620B1147K981
145
50
10
3.4
1.1
≤ 60
2.2
85
176
1.08
2
B25620C1147K981
190
60
18.9
6.3
0.7
≤ 60
2.3
116
120
1.4
4
B25620B1197K983
215
60
9.6
3.2
2.4
≤ 40
2.1
116
132
1.55
4
B25620B1217K983
295
70
18.8
6.3
0.8
≤ 60
1.6
116
173
2.05
4
B25620B1297K983
460
80
18.2
6
1.1
≤ 90
1
116
263
2.6
4
B25620B1467K983
1 IMAX at Θ 40°C, refer to “current derating” section for more details
Other configurations and capacitance tolerances available upon request


Similar Part No. - B25623B1427K104

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B25623B1427K104 TDK-B25623B1427K104 Datasheet
652Kb / 23P
   Power Electronic Capacitors
More results

Similar Description - B25623B1427K104

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B25667C5147A175 TDK-B25667C5147A175 Datasheet
175Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5177A175 TDK-B25667C5177A175 Datasheet
182Kb / 10P
   Film Capacitors - Power Electronic Capacitors
B25667C2557A175 TDK-B25667C2557A175 Datasheet
174Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4467A375 TDK-B25667C4467A375 Datasheet
167Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4866A375 TDK-B25667C4866A375 Datasheet
170Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5117A175 TDK-B25667C5117A175 Datasheet
175Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5127A375 TDK-B25667C5127A375 Datasheet
167Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4347A375 TDK-B25667C4347A375 Datasheet
166Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25631S0227K600 TDK-B25631S0227K600 Datasheet
248Kb / 9P
   Film Capacitors - Power Electronic Capacitors
logo
EPCOS
B2562 EPCOS-B2562 Datasheet
341Kb / 10P
   Film capacitors- Power electronic capacitors
B25655J4507K005 EPCOS-B25655J4507K005 Datasheet
422Kb / 6P
   Film capacitors - Power electronic capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com