Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B25640D1738K000 Datasheet(PDF) 6 Page - EPCOS

Part # B25640D1738K000
Description  Power Capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25640D1738K000 Datasheet(HTML) 6 Page - EPCOS

  B25640D1738K000 Datasheet HTML 1Page - EPCOS B25640D1738K000 Datasheet HTML 2Page - EPCOS B25640D1738K000 Datasheet HTML 3Page - EPCOS B25640D1738K000 Datasheet HTML 4Page - EPCOS B25640D1738K000 Datasheet HTML 5Page - EPCOS B25640D1738K000 Datasheet HTML 6Page - EPCOS B25640D1738K000 Datasheet HTML 7Page - EPCOS B25640D1738K000 Datasheet HTML 8Page - EPCOS B25640D1738K000 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Power Capacitors
© EPCOS AG 2011
Technical data example: B25650D1528K004
Technical data
Characteristics
CR
5200
μF
Tolerance
±10
%
VR
1800
V DC
Vi
1300
V AC
WN
8420
Ws
Ieff, max
300
A
Ieff, permanent
216
A
LR
49
nH
tan
δο
2
10
-4
ESR
0.5
m
Ω
Maximum ratings
V
^
2200
V
VR
2700
V
Î
36
kA
Îs
312
kA
dv/dtmax
7
V/
μs
dv/dts
60
V/
μs
Test data
VTT DC
2700
V@10 s
VTT AC
3600
V@ 50 Hz, 60 s
Ris XC
≥ 2.78
h
tan
δ (120 Hz)
≤ 17
10
-4
Climatic conditions
Tmin
–50
°C
Tamb,max
+60
°C
THotspot,max
+85
°C
Humidity
(av. rel.)
< 95
%
Failure rate
300
fit
Estimated
lifetime
100 000
h
Tstorage
–50 … +85
°C
Technical data
Climatic category (DIN IEC 68 part 1 and 2)
Vtest
+40
°C
Rel. humidity
93
%
ttest
56
days
ΔC/C
≤ 1
%
Δtanδ
≤ 1
10
-4
Ris XC
10000
s
Design data
Dimensions
Lcase
340
mm
Bcase
162
mm
Hcase
605
mm
Aterminal
80
mm
Terminations
M12 x 30
mm
Max. torque
20
Nm
Weight (approx.)
40
kg
Case extension
1)
8
mm
Impregnation
gas filled
Fixing elements
acc. spec.
Remarks
Project study
Overpressure switch recommended
1) with normal conditions


Similar Part No. - B25640D1738K000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B25645 TDK-B25645 Datasheet
827Kb / 11P
   Film capacitors – High power capacitors - ModCap
May 2022 / Version: 2.0
B25645A1108K003 TDK-B25645A1108K003 Datasheet
827Kb / 11P
   Film capacitors – High power capacitors - ModCap
May 2022 / Version: 2.0
B25645A1108K013 TDK-B25645A1108K013 Datasheet
827Kb / 11P
   Film capacitors – High power capacitors - ModCap
May 2022 / Version: 2.0
B25645A1118K003 TDK-B25645A1118K003 Datasheet
827Kb / 11P
   Film capacitors – High power capacitors - ModCap
May 2022 / Version: 2.0
B25645A1138K003 TDK-B25645A1138K003 Datasheet
827Kb / 11P
   Film capacitors – High power capacitors - ModCap
May 2022 / Version: 2.0
More results

Similar Description - B25640D1738K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25667B4307A375 EPCOS-B25667B4307A375 Datasheet
103Kb / 3P
   Power Capacitors
B25834C6226K4 EPCOS-B25834C6226K4 Datasheet
280Kb / 14P
   Power Capacitors
logo
TDK Electronics
B25667C5147A175 TDK-B25667C5147A175 Datasheet
175Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5177A175 TDK-B25667C5177A175 Datasheet
182Kb / 10P
   Film Capacitors - Power Electronic Capacitors
B25667C2557A175 TDK-B25667C2557A175 Datasheet
174Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4467A375 TDK-B25667C4467A375 Datasheet
167Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4866A375 TDK-B25667C4866A375 Datasheet
170Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5117A175 TDK-B25667C5117A175 Datasheet
175Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5127A375 TDK-B25667C5127A375 Datasheet
167Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4347A375 TDK-B25667C4347A375 Datasheet
166Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com