Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B25640D1628K000 Datasheet(PDF) 5 Page - EPCOS

Part # B25640D1628K000
Description  Power Capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25640D1628K000 Datasheet(HTML) 5 Page - EPCOS

  B25640D1628K000 Datasheet HTML 1Page - EPCOS B25640D1628K000 Datasheet HTML 2Page - EPCOS B25640D1628K000 Datasheet HTML 3Page - EPCOS B25640D1628K000 Datasheet HTML 4Page - EPCOS B25640D1628K000 Datasheet HTML 5Page - EPCOS B25640D1628K000 Datasheet HTML 6Page - EPCOS B25640D1628K000 Datasheet HTML 7Page - EPCOS B25640D1628K000 Datasheet HTML 8Page - EPCOS B25640D1628K000 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Power Capacitors
© EPCOS AG 2011
MKK-DC-R:
Mechanical considerations and construction
General description
The MKK-DC-R capacitors are designed in aluminum
rectangular cases filled with resin.
Fixing brackets are available as shown below. For any
other options, please contact our local sales office.
The standard connection terminals are shown in the
drawing below. Otherwise brass bolts tinned with
male and possibility of female connection are
available upon request.
The capacitors should be exclusively handled by
fixing brackets. In no case, the terminals should be
used to lift the capacitor.
Capacitors will usually be mounted upright (terminals
on top), but can be mounted in any position keeping
a lateral space of 25 mm minimum.
Dimensions
The table below shows the L dimension options and
their relation to maximum current and number of
terminal recommendable for low inductance option
(inductance < 50 nH). Other dimensions are available
on request.
Tolerances are indicated in the drawing.
Position of terminals (dimensions A and B) are
changeable according to custom needs.
L1
mm
L2
mm
L3
mm
MKK-DC-R
340
510
750
Inductance < 50 nH
Number of
terminals
I
eff (max)
A
L1
6
210
L2
8
270
L3
10
350


Similar Part No. - B25640D1628K000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B25645 TDK-B25645 Datasheet
827Kb / 11P
   Film capacitors – High power capacitors - ModCap
May 2022 / Version: 2.0
B25645A1108K003 TDK-B25645A1108K003 Datasheet
827Kb / 11P
   Film capacitors – High power capacitors - ModCap
May 2022 / Version: 2.0
B25645A1108K013 TDK-B25645A1108K013 Datasheet
827Kb / 11P
   Film capacitors – High power capacitors - ModCap
May 2022 / Version: 2.0
B25645A1118K003 TDK-B25645A1118K003 Datasheet
827Kb / 11P
   Film capacitors – High power capacitors - ModCap
May 2022 / Version: 2.0
B25645A1138K003 TDK-B25645A1138K003 Datasheet
827Kb / 11P
   Film capacitors – High power capacitors - ModCap
May 2022 / Version: 2.0
More results

Similar Description - B25640D1628K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25667B4307A375 EPCOS-B25667B4307A375 Datasheet
103Kb / 3P
   Power Capacitors
B25834C6226K4 EPCOS-B25834C6226K4 Datasheet
280Kb / 14P
   Power Capacitors
logo
TDK Electronics
B25667C5147A175 TDK-B25667C5147A175 Datasheet
175Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5177A175 TDK-B25667C5177A175 Datasheet
182Kb / 10P
   Film Capacitors - Power Electronic Capacitors
B25667C2557A175 TDK-B25667C2557A175 Datasheet
174Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4467A375 TDK-B25667C4467A375 Datasheet
167Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4866A375 TDK-B25667C4866A375 Datasheet
170Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5117A175 TDK-B25667C5117A175 Datasheet
175Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5127A375 TDK-B25667C5127A375 Datasheet
167Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4347A375 TDK-B25667C4347A375 Datasheet
166Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com