Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32364A2157J050 Datasheet(PDF) 7 Page - EPCOS

Part # B32364A2157J050
Description  Power Capacitors for Industrial Applications and Renewable Energy
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32364A2157J050 Datasheet(HTML) 7 Page - EPCOS

Back Button B32364A2157J050 Datasheet HTML 3Page - EPCOS B32364A2157J050 Datasheet HTML 4Page - EPCOS B32364A2157J050 Datasheet HTML 5Page - EPCOS B32364A2157J050 Datasheet HTML 6Page - EPCOS B32364A2157J050 Datasheet HTML 7Page - EPCOS B32364A2157J050 Datasheet HTML 8Page - EPCOS B32364A2157J050 Datasheet HTML 9Page - EPCOS B32364A2157J050 Datasheet HTML 10Page - EPCOS B32364A2157J050 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
Please read Important notes on page 4.
© EPCOS AG 2012
Power Capacitors
for Wind Power Generation
Benefits
z
z
Overvoltage and overcurrent protection
z
z
Long-term stability and reliability
z
z
Approved materials and components acc. to UL
z
z
Self-healing properties
z
z
Lower equivalent serial resistance (ESR) and
inductance (ESL)
z
z
Stability of electrical parameters over time and
temperature
Schematic circuit
C2
C1
C3
Characteristics
Series
Technical data
Features
Type
DC link capacitors
MKP DC
C
R: 30 … 1500 µF
V
R: 880 … 1320 V DC
T
op: –55 … +70 °C
Six different terminal types
IEC1071 approved
High peak current capability
Customized configurations
Self-healing
Aluminum can
B25620
B25621
B25622
B25623
B25624
B25625
MKP DC LSI
C
R: 50 … 280 µF
V
R: 600 … 1200 V DC
T
op: –55 … +70 °C
Different terminal types
IEC1071 approved
High peak current capability
Customized configurations
Self-healing
Low self inductance
Plastic can
B25630
B25631
B25632
B25633
B25634
B25635
Output filter capacitors
MKP AC
C
R:
3 … 600 µF
V
RMS: 250 … 600 V AC
T
op:
–40 … +70 °C
Five different terminal types
IEC1071, UL E106388 approved
High peak current capability
Customized configurations
Overpressure disconnector
Self-healing
Aluminum can
B32360
B32361
B32362
B32363
B32364
MKP AC HP
C
R: 10 … 150 µF
V
RMS: 550 … 1000 V AC
T
op: –40 … +70 °C
Different terminal types
IEC1071 approved
High peak current capability
Customized configurations
Overpressure disconnector
Self-healing
Oil impregnation
Aluminum can
B25360
B25361
B25362
B25363
B25364


Similar Part No. - B32364A2157J050

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32364A2157J050 EPCOS-B32364A2157J050 Datasheet
669Kb / 12P
   Film capacitors - Power Electronic Capacitors
More results

Similar Description - B32364A2157J050

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
DISFIM AVX-DISFIM Datasheet
42Kb / 1P
   For Energy Storage and Discharge Applications
logo
Finisar Corporation.
FTE8510K1LTN FINISAR-FTE8510K1LTN Datasheet
558Kb / 2P
   For Industrial and Military Applications
logo
Cymbet Corporation
CBC915 CYMBET-CBC915 Datasheet
769Kb / 16P
   EnerChip Energy Processor for Energy Harvesting Applications
CBC915-ACA CYMBET-CBC915-ACA Datasheet
780Kb / 16P
   EnerChip??Energy Processor for Energy Harvesting Applications
logo
Sangdest Microelectroni...
SK2U150 SMC-SK2U150 Datasheet
276Kb / 4P
   Optimized for power conversion: welding and industrial SMPS applications
logo
Vishay Siliconix
MAL222090003E3 VISHAY-MAL222090003E3 Datasheet
108Kb / 5P
   Electrical Double Layer Energy Storage Capacitors Power and Energy Versions
Revision: 18-Jan-16
220EDLC VISHAY-220EDLC_V01 Datasheet
105Kb / 6P
   Electrical Double Layer Energy Storage Capacitors Power and Energy Versions
01-Jan-2023
220EDLCENYCAP VISHAY-220EDLCENYCAP Datasheet
118Kb / 5P
   Electrical Double Layer Energy Storage Capacitors Power and Energy Versions
Revision: 20-Oct-16
logo
International Rectifier
IRAM630-1562F IRF-IRAM630-1562F Datasheet
617Kb / 19P
   Intelligent Power Module for Energy Efficient Compressor Applications
logo
Infineon Technologies A...
ITS711L1 INFINEON-ITS711L1_10 Datasheet
1Mb / 18P
   For Industrial Applications
Rev. 1.3, 2010-03-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com