Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM3932NE Datasheet(PDF) 3 Page - Analog Power

Part # AM3932NE
Description  N-Channel 30-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM3932NE Datasheet(HTML) 3 Page - Analog Power

  AM3932NE Datasheet HTML 1Page - Analog Power AM3932NE Datasheet HTML 2Page - Analog Power AM3932NE Datasheet HTML 3Page - Analog Power AM3932NE Datasheet HTML 4Page - Analog Power AM3932NE Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
AM3932NE
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM3932NE_A
Typical Electrical Characteristics (N-Channel)
Output Characteristics
Transfer Characteristics
On-Resistance vs. Junction Temperature
Gate Charge
Capacitance
On-Resistance vs. Drain Current
0
5
10
15
20
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
VDS - Drain-to-Source Voltage (V)
2.5V
4.5V
0
400
800
1200
1600
2000
2400
05
10
15
20
VDS - Drain-to-Source Voltage (V)
CISS
CRSS
COSS
0.8
1
1.2
1.4
0
5
10
15
20
25
ID - Drain Current (A)
4.5V
10V
0
2
4
6
8
10
0
10
203040
5060
Gate charge ( nC )
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
TJ - Junction Temperature (
oC)
VGS = 4.5V
0
2
4
6
8
10
0.5
1
1.5
2
2.5
3
VGS - Gate-to-Source Voltage (V)
TA = -55
oC
25
oC
125
oC


Similar Part No. - AM3932NE

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM3932N ANALOGPOWER-AM3932N Datasheet
242Kb / 5P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - AM3932NE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com