Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD2931-11 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SD2931-11
Description  RF power transistors HF/VHF/UHF N-channel MOSFETs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2931-11 Datasheet(HTML) 1 Page - STMicroelectronics

  SD2931-11 Datasheet HTML 1Page - STMicroelectronics SD2931-11 Datasheet HTML 2Page - STMicroelectronics SD2931-11 Datasheet HTML 3Page - STMicroelectronics SD2931-11 Datasheet HTML 4Page - STMicroelectronics SD2931-11 Datasheet HTML 5Page - STMicroelectronics SD2931-11 Datasheet HTML 6Page - STMicroelectronics SD2931-11 Datasheet HTML 7Page - STMicroelectronics SD2931-11 Datasheet HTML 8Page - STMicroelectronics SD2931-11 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
March 2010
Doc ID 17329 Rev 1
1/18
18
SD2931-11
RF power transistors
HF/VHF/UHF N-channel MOSFETs
Features
Gold metallization
Excellent thermal stability
Common source configuration
POUT = 150 W min. with 14 dB gain @ 175
MHz
Thermally enhanced packaging for lower
junction temperatures
GFS and VGS sort marked on unit
Description
The SD2931-11 is a gold metallized N-channel
MOS field-effect RF power transistor. Being
electrically identical to the standard SD2931
MOSFET, it is intended for use in 50 V dc large
signal applications up to 230 MHz.
The SD2931-11 is mechanical compatible to the
SD2931 but offers in addition a better thermal
capability (25% lower thermal resistance),
representing the best-in-class transistors for ISM
applications, where reliability and ruggedness are
critical factors.
Figure 1.
Pin connection
M174
epoxy sealed
1. Drain
2. Source
3. Gate
4. Source
1
3
4
2
Table 1.
Device summary
Order code
Marking
Package
Packing
SD2931-11
SD2931-11
M174 epoxy sealed
Tray
www.st.com


Similar Part No. - SD2931-11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD2931-10 STMICROELECTRONICS-SD2931-10 Datasheet
199Kb / 10P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
logo
List of Unclassifed Man...
SD2931-10 ETC1-SD2931-10 Datasheet
288Kb / 5P
   HF to 2000 MHz Class AB Common Source - PowerSO-10RF
logo
STMicroelectronics
SD2931-10 STMICROELECTRONICS-SD2931-10 Datasheet
343Kb / 16P
   RF power transistors HF/VHF/UHF N-channel MOSFETs
SD2931-10 STMICROELECTRONICS-SD2931-10 Datasheet
275Kb / 19P
   RF power transistor: HF/VHF/UHF N-channel power MOSFETs
SD2931-10W STMICROELECTRONICS-SD2931-10W Datasheet
275Kb / 19P
   RF power transistor: HF/VHF/UHF N-channel power MOSFETs
More results

Similar Description - SD2931-11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD3932 STMICROELECTRONICS-SD3932 Datasheet
35Kb / 5P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2932 STMICROELECTRONICS-SD2932 Datasheet
122Kb / 13P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
March 2000
SD3931-10 STMICROELECTRONICS-SD3931-10 Datasheet
55Kb / 5P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2921-10 STMICROELECTRONICS-SD2921-10 Datasheet
195Kb / 10P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2931-10 STMICROELECTRONICS-SD2931-10 Datasheet
199Kb / 10P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2904 STMICROELECTRONICS-SD2904 Datasheet
191Kb / 8P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2922 STMICROELECTRONICS-SD2922 Datasheet
208Kb / 13P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
November 1999
SD2931-10 STMICROELECTRONICS-SD2931-10_03 Datasheet
343Kb / 16P
   RF power transistors HF/VHF/UHF N-channel MOSFETs
SD2918 STMICROELECTRONICS-SD2918 Datasheet
101Kb / 8P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2902 STMICROELECTRONICS-SD2902 Datasheet
210Kb / 8P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com