Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD55N4F5 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STD55N4F5
Description  N-channel 40 V, 7.3 m廓, 40 A, DPAK STripFET??V Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD55N4F5 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STD55N4F5 Datasheet HTML 5Page - STMicroelectronics STD55N4F5 Datasheet HTML 6Page - STMicroelectronics STD55N4F5 Datasheet HTML 7Page - STMicroelectronics STD55N4F5 Datasheet HTML 8Page - STMicroelectronics STD55N4F5 Datasheet HTML 9Page - STMicroelectronics STD55N4F5 Datasheet HTML 10Page - STMicroelectronics STD55N4F5 Datasheet HTML 11Page - STMicroelectronics STD55N4F5 Datasheet HTML 12Page - STMicroelectronics STD55N4F5 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Package mechanical data
STD55N4F5
10/13
Doc ID 15661 Rev 3
DIM.
mm.
.
x
a
m
p
y
t
.
n
i
m
0
4
.
2
0
2
.
2
A
0
1
.
1
0
9
.
0
1
A
3
2
.
0
3
0
.
0
2
A
0
9
.
0
4
6
.
0
b
0
4
.
5
0
2
.
5
4
b
0
6
.
0
5
4
.
0
c
0
6
.
0
8
4
.
0
2
c
0
2
.
6
0
0
.
6
D
0
1
.
5
1
D
0
6
.
6
0
4
.
6
E
0
7
.
4
1
E
8
2
.
2
e
0
6
.
4
0
4
.
4
1
e
0
1
.
0
1
5
3
.
9
H
1
L
0
8
.
2
1
L
0
8
.
0
2
L
1
0
6
.
0
4
L
0
2
.
0
R
V2
0 o
8 o
TO-252 (DPAK) mechanical data
0068772_G


Similar Part No. - STD55N4F5

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
STD55N4F5 DOINGTER-STD55N4F5 Datasheet
2Mb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - STD55N4F5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD40N2LH5 STMICROELECTRONICS-STD40N2LH5 Datasheet
231Kb / 12P
   N-channel 25 V, 0.01 廓, 40 A, DPAK, IPAK STripFET??V Power MOSFET
STD44N4LF6 STMICROELECTRONICS-STD44N4LF6 Datasheet
1,001Kb / 15P
   N-channel 40 V, 8.9 m廓, 44 A DPAK STripFET??VI DeepGATE??Power MOSFET
STB120N4LF6 STMICROELECTRONICS-STB120N4LF6 Datasheet
897Kb / 18P
   N-channel 40 V, 3.1 m廓, 80 A DPAK, D짼PAK STripFET??VI DeepGATE??Power MOSFET
STB120N4F6 STMICROELECTRONICS-STB120N4F6 Datasheet
998Kb / 18P
   N-channel 40 V, 3.5 m廓 , 80 A, DPAK, D짼PAK STripFET??VI DeepGATE??Power MOSFET
STD95N4F3 STMICROELECTRONICS-STD95N4F3_09 Datasheet
766Kb / 14P
   N-channel 40 V, 5.0 m廓, 80 A, DPAK, TO-220 STripFET??III Power MOSFET
logo
ON Semiconductor
NVMFS5C466NL ONSEMI-NVMFS5C466NL Datasheet
186Kb / 7P
   MOSFET ??Power, Single N-Channel 40 V, 7.3 m, 52 A
July, 2019 ??Rev.0
NVMYS7D3N04CL ONSEMI-NVMYS7D3N04CL Datasheet
340Kb / 7P
   MOSFET – Power, Single N-Channel 40 V, 7.3 m, 52 A
July, 2019 - Rev. 0
NTTFS5C466NL ONSEMI-NTTFS5C466NL Datasheet
184Kb / 6P
   MOSFET ??Power, Single, N-Channel 40 V, 7.3 m, 51 A
September, 2019 ??Rev. 4
NVTYS007N04CL ONSEMI-NVTYS007N04CL Datasheet
330Kb / 7P
   MOSFET ??Power, Single N-Channel 40 V, 7.3 m, 54 A
April, 2021 ??Rev. 0
logo
STMicroelectronics
STD90N4F3 STMICROELECTRONICS-STD90N4F3_08 Datasheet
433Kb / 16P
   N-channel 40 V, 5.4 m廓, 80 A, DPAK, TO-220, IPAK, I2PAK STripFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com