Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS40M120CT Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPS40M120CT
Description  Power Schottky rectifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS40M120CT Datasheet(HTML) 5 Page - STMicroelectronics

  STPS40M120CT Datasheet HTML 1Page - STMicroelectronics STPS40M120CT Datasheet HTML 2Page - STMicroelectronics STPS40M120CT Datasheet HTML 3Page - STMicroelectronics STPS40M120CT Datasheet HTML 4Page - STMicroelectronics STPS40M120CT Datasheet HTML 5Page - STMicroelectronics STPS40M120CT Datasheet HTML 6Page - STMicroelectronics STPS40M120CT Datasheet HTML 7Page - STMicroelectronics STPS40M120CT Datasheet HTML 8Page - STMicroelectronics STPS40M120CT Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
STPS40M120C
Package information
Doc ID 022916 Rev 1
5/9
2
Package information
Epoxy meets UL94, V0
Cooling method: by conduction (C)
Recommended torque value: 0.4 to 0.6 N·m
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Table 5.
TO-220AB narrow leads dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.40
4.60
0.17
0.18
b
0.61
0.88
0.024
0.034
b1
0.95
1.20
0.037
0.047
c
0.48
0.70
0.019
0.027
D
15.25
15.75
0.60
0.62
D1
1.27
0.05
E
10.00
10.40
0.39
0.41
e
2.40
2.70
0.094
0.106
e1
4.95
5.15
0.19
0.20
F
1.23
1.32
0.048
0.052
H1
6.20
6.60
0.24
0.26
J1
2.40
2.72
0.095
0.107
L
13.00
14.00
0.51
0.55
L1
2.60
2.90
0.102
0.114
L20
15.40
0.61
L30
28.90
1.14
∅P
3.75
3.85
0.147
0.151
Q
2.65
2.95
0.104
0.116
E
P
Q
L30
L20
L1
b1(x3)
b (x3)
e
L
e1
1
23
F
D
D1
H1
A
J1
C


Similar Part No. - STPS40M120CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS40M120C STMICROELECTRONICS-STPS40M120C Datasheet
177Kb / 9P
   Power Schottky rectifier
April 2012 Rev 1
More results

Similar Description - STPS40M120CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
   POWER SCHOTTKY RECTIFIER
STPS1545CFP STMICROELECTRONICS-STPS1545CFP Datasheet
136Kb / 8P
   POWER SCHOTTKY RECTIFIER
logo
IXYS Corporation
DSS2X41-01A IXYS-DSS2X41-01A Datasheet
47Kb / 2P
   Power Schottky Rectifier
DSS2X61-0045A IXYS-DSS2X61-0045A Datasheet
38Kb / 2P
   Power Schottky Rectifier
DSS2X101-02A IXYS-DSS2X101-02A Datasheet
48Kb / 2P
   Power Schottky Rectifier
logo
STMicroelectronics
STPS10L60C STMICROELECTRONICS-STPS10L60C Datasheet
122Kb / 8P
   Power Schottky rectifier
STPS3045CT STMICROELECTRONICS-STPS3045CT_03 Datasheet
196Kb / 9P
   POWER SCHOTTKY RECTIFIER
STPS6045CP STMICROELECTRONICS-STPS6045CP_03 Datasheet
118Kb / 5P
   POWER SCHOTTKY RECTIFIER
STPS30120C STMICROELECTRONICS-STPS30120C Datasheet
117Kb / 8P
   Power Schottky rectifier
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
   Power Schottky rectifier
STPS2H100 STMICROELECTRONICS-STPS2H100_10 Datasheet
129Kb / 10P
   Power Schottky rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com