Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F17102221900 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # F17102221900
Description  Interference Suppression Film Capacitors MKT Radial Potted Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

F17102221900 Datasheet(HTML) 1 Page - Vishay Siliconix

  F17102221900 Datasheet HTML 1Page - Vishay Siliconix F17102221900 Datasheet HTML 2Page - Vishay Siliconix F17102221900 Datasheet HTML 3Page - Vishay Siliconix F17102221900 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Not for New Design - End of Life January 2013 - Please refer to F1710 300V Y2 (26545)
F1710-250 V
www.vishay.com
Vishay Roederstein
Revision: 28-Sep-12
1
Document Number: 26526
For technical questions, contact: rfi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Interference Suppression Film Capacitors
MKT Radial Potted Type
FEATURES
• Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
Note
(1) These capacitors can be delivered on continuous tape and reel (see www.vishay.com/doc?28139).
The ordering code is then: F1710-. . .-1900 at H = 16 mm, F1710-. . .-1901 at H = 18.5 mm.
QUICK REFERENCE DATA
Rated AC voltage
250 VAC, 50 Hz/60 Hz
Terminals
Radial tinned wire
Coating
Plastic case, epoxy resin sealed, flame retardant, UL-class 94 V-0
Technical data
Please refer to www.vishay.com/doc?26525
DIMENSION in millimeters AND ORDERING CODE
LEAD LENGTH X (mm)
ORDERING CODE (1)
4-1
F1710-. . .-1004
6-1
F1710-. . .-1000
15-1
F1710-. . .-1015
30+5
F1710-. . .-1030
ELECTRICAL DATA AND ORDERING INFORMATION
URAC
(V)
CAP.
(μF)
TOL.
(%)
PITCH
(mm)
BOX
NO.
DIMENSIONS
W x H x L
(mm)
(+ 0.2 mm/- 0.4 mm)
WEIGHT
LEAD LENGTH
 6-1 mm
(g)
QUANTITY
PACKAGE
LEAD LENGTH
 6-1 mm
(pcs)
ORDERING CODE (2)
250
0.0010
± 20
15
05
5.3 x 10.3 x 17.8
1.4
750
F1710-210-10 . .
0.0012
± 20
15
05
5.3 x 10.3 x 17.8
1.4
750
F1710-212-10 . .
0.0015
± 20
15
05
5.3 x 10.3 x 17.8
1.4
750
F1710-215-10 . .
0.0018
± 20
15
05
5.3 x 10.3 x 17.8
1.4
750
F1710-218-10 . .
0.0022
± 20
15
05
5.3 x 10.3 x 17.8
1.4
750
F1710-222-10 . .
0.0027
± 20
15
05
5.3 x 10.3 x 17.8
1.4
750
F1710-227-10 . .
0.0033
± 20
15
05
5.3 x 10.3 x 17.8
1.4
750
F1710-233-10 . .
0.0039
± 20
15
05
5.3 x 10.3 x 17.8
1.4
750
F1710-239-10 . .
0.0047
± 20
15
05
5.3 x 10.3 x 17.8
1.4
750
F1710-247-10 . .
0.0056
± 20
15
05
5.3 x 10.3 x 17.8
1.4
750
F1710-256-10 . .
L
PCM ± 0.4
Ø 0.8
W
H
X
± 0.4


Similar Part No. - F17102221900

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F17102101000 VISHAY-F17102101000 Datasheet
136Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 12-Jun-13
More results

Similar Description - F17102221900

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F17723222000 VISHAY-F17723222000 Datasheet
136Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 17-Apr-13
F17103101900 VISHAY-F17103101900 Datasheet
77Kb / 4P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 28-Sep-12
F17724152030 VISHAY-F17724152030 Datasheet
129Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 13-Jan-12
F17725102000 VISHAY-F17725102000 Datasheet
129Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 13-Jan-12
F1772-2 VISHAY-F1772-2 Datasheet
129Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 13-Jan-12
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233620223 VISHAY-BFC233620223 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com