Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM12E-FZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM12E-FZ
Description  12 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM12E-FZ Datasheet(HTML) 1 Page - AIMTEC

  AM12E-FZ Datasheet HTML 1Page - AIMTEC AM12E-FZ Datasheet HTML 2Page - AIMTEC AM12E-FZ Datasheet HTML 3Page - AIMTEC AM12E-FZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Series AM12E-FZ
12 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12
1 of 4
North America only
Picture coming soon
FEATURES:
Remote On / Off Control
Operating temperature -40oC to + 85oC
Wide 2:1 input range
Input / Output Isolation 3000VDC
High efficiency up to 87%
Continuous short circuit protection
Industry Standard Package
No minimum load
Over Voltage Protection
Models
Single output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
Max (mA)
Capacitance
load, max (μF)
Efficiency
(%)
AM12E-1203SH30-FZ
9-18
3.3
3500
4700
77
AM12E-1205SH30-FZ
9-18
5
2400
3300
82
AM12E-1212SH30-FZ
9-18
12
1000
680
86
AM12E-1215SH30-FZ
9-18
15
800
330
85
AM12E-2403SH30-FZ
18-36
3.3
3500
4700
77
AM12E-2405SH30-FZ
18-36
5
2400
3300
82
AM12E-2412SH30-FZ
18-36
12
1000
680
87
AM12E-2415SH30-FZ
18-36
15
800
330
86
AM12E-4803SH30-FZ
36-75
3.3
3500
4700
78
AM12E-4805SH30-FZ
36-75
5
2400
3300
82
AM12E-4812SH30-FZ
36-75
12
1000
680
87
AM12E-4815SH30-FZ
36-75
15
800
330
86
Models
Dual output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
Max (mA)
Capacitance
load, max
(μF)
Efficiency
(%)
AM12E-1205DH30-FZ
9-18
±5
±1200
±1000
82
AM12E-1212DH30-FZ
9-18
±12
±500
±220
86
AM12E-1215DH30-FZ
9-18
±15
±400
±200
85
AM12E-2405DH30-FZ
18-36
±5
±1200
±1000
83
AM12E-2412DH30-FZ
18-36
±12
±500
±220
87
AM12E-2415DH30-FZ
18-36
±15
±400
±200
86
AM12E-4805DH30-FZ
36-75
±5
±1200
±1000
83
AM12E-4812DH30-FZ
36-75
±12
±500
±220
87
AM12E-4815DH30-FZ
36-75
±15
±400
±200
86
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
12
9-18
VDC
24
18-36
48
36-75
Filter
π(PI )
Transient response time
(50% load step)
2000
µs
Start up time
550
ms
Absolute Maximum Rating
12 Vin
-0.7-25
VDC
24 Vin
-0.7-50
48 Vin
-0.7-100
Peak Input Voltage time
100
ms
Remote Control Pin
ON
OFF
Open or 3.5V ~12V, <0.2mA
Short or 0V ~ 1.2V, <3mA
Vdc


Similar Part No. - AM12E-FZ

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
AM1203-303N WALL-AM1203-303N Datasheet
419Kb / 4P
   1 Watt Surface Mount DC/DC Converter Single Output
AM1205-200N WALL-AM1205-200N Datasheet
210Kb / 2P
   This economically priced converter is perfect for low power applications
AM1205-200N WALL-AM1205-200N Datasheet
419Kb / 4P
   1 Watt Surface Mount DC/DC Converter Single Output
AM1205-200NI WALL-AM1205-200NI Datasheet
148Kb / 2P
   Highly suitable for high speed pick and place machine operation
AM1205-200NI WALL-AM1205-200NI Datasheet
142Kb / 3P
   Single Output Surface Mount Package
More results

Similar Description - AM12E-FZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM12TW-Z AIMTEC-AM12TW-Z_13 Datasheet
283Kb / 4P
   12 Watt | DC-DC Converter
AM12T-Z AIMTEC-AM12T-Z Datasheet
348Kb / 3P
   12 Watt | DC-DC Converter
AM12T-Z AIMTEC-AM12T-Z_13 Datasheet
350Kb / 3P
   12 Watt | DC-DC Converter
AM12TW-Z AIMTEC-AM12TW-Z Datasheet
381Kb / 4P
   12 Watt | DC-DC Converter
logo
Wall Industries,Inc.
RJW WALL-RJW Datasheet
143Kb / 2P
   12 Watt DC/DC Converter
logo
TRACO Electronic AG
THD12 TRACOPOWER-THD12 Datasheet
919Kb / 5P
   DC/DC Converter THD 12 Series, 12 Watt
Rev. November 30, 2022
logo
AIMTEC
AMSR1-78-NZ AIMTEC-AMSR1-78-NZ Datasheet
235Kb / 3P
   Up to 12 Watt | DC-DC Converter
AMSR1-78-NZ AIMTEC-AMSR1-78-NZ_1 Datasheet
199Kb / 3P
   Up to 12 Watt | DC-DC Converter
logo
TRACO Electronic AG
THD12WI TRACOPOWER-THD12WI Datasheet
926Kb / 4P
   DC/DC Converter THD 12WI Series, 12 Watt
Rev. November 30, 2022
TMR12WI TRACOPOWER-TMR12WI Datasheet
908Kb / 5P
   DC/DC Converter TMR 12WI Series, 12 Watt
Rev. November 30, 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com