Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM74AS74M Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # DM74AS74M
Description  Dual D-Type Positive-Edge-Triggered Flip-Flop with Preset and Clear
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74AS74M Datasheet(HTML) 1 Page - Fairchild Semiconductor

  DM74AS74M Datasheet HTML 1Page - Fairchild Semiconductor DM74AS74M Datasheet HTML 2Page - Fairchild Semiconductor DM74AS74M Datasheet HTML 3Page - Fairchild Semiconductor DM74AS74M Datasheet HTML 4Page - Fairchild Semiconductor DM74AS74M Datasheet HTML 5Page - Fairchild Semiconductor DM74AS74M Datasheet HTML 6Page - Fairchild Semiconductor DM74AS74M Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2000 Fairchild Semiconductor Corporation
DS006282
www.fairchildsemi.com
April 1984
Revised March 2000
DM74AS74
Dual D-Type Positive-Edge-Triggered Flip-Flop
with Preset and Clear
General Description
The AS74 is a dual edge-triggered flip-flops. Each flip-flop
has individual D, clock, clear and preset inputs, and also
complementary Q and Q outputs.
Information at input D is transferred to the Q output on the
positive going edge of the clock pulse. Clock triggering
occurs at a voltage level of the clock pulse and is not
directly related to the transition time of the positive going
pulse. When the clock input is at either the HIGH or LOW
level, the D input signal has no effect.
Asynchronous preset and clear inputs will set or clear Q
output respectively upon the application of LOW level sig-
nal.
Features
s Switching specifications at 50 pF
s Switching specifications guaranteed over full tempera-
ture and VCC range
s Advanced oxide-isolated, ion-implanted Schottky TTL
process
s Functionally and pin-for-pin compatible with Schottky
and LS TTL counterpart
s Improved AC performance over S74 at approximately
half the power
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Function Table
L
= LOW State
H
= HIGH State
X
= Don't Care
↑ = Positive Edge Transition
Q0 = Previous Condition of Q
Note 1: This condition is nonstable; it will not persist when preset and clear
inputs return to their inactive (HIGH) level. The output levels in this condi-
tion are not guaranteed to meet the VOH specification.
Order Number
Package Number
Package Description
DM74AS74M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow
DM74AS74SJX
M14D
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
DM74AS74N
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Inputs
Outputs
PR
CLR CLK
D
Q
Q
LH
X
X
H
L
HL
X
X
L
H
L
L
X
X
H (Note 1)
H (Note 1)
HH
HH
L
HH
LL
H
HH
L
X
Q0
Q0


Similar Part No. - DM74AS74M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74AS00 FAIRCHILD-DM74AS00 Datasheet
46Kb / 4P
   Quad 2-Input NAND Gate
DM74AS00M FAIRCHILD-DM74AS00M Datasheet
46Kb / 4P
   Quad 2-Input NAND Gate
DM74AS00N FAIRCHILD-DM74AS00N Datasheet
46Kb / 4P
   Quad 2-Input NAND Gate
DM74AS04 FAIRCHILD-DM74AS04 Datasheet
60Kb / 5P
   Hex Inverter
DM74AS04M FAIRCHILD-DM74AS04M Datasheet
60Kb / 5P
   Hex Inverter
More results

Similar Description - DM74AS74M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC74-Q1 TI1-SN74HC74-Q1_15 Datasheet
828Kb / 14P
[Old version datasheet]   DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOP WITH CLEAR AND PRESET
74ACT11074 TI-74ACT11074 Datasheet
81Kb / 5P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74HC74-EP TI1-SN74HC74-EP Datasheet
600Kb / 12P
[Old version datasheet]   DUAL D-TYPE POSITIVE EDGE TRIGGERED FLIP-FLOP WITH CLEAR AND PRESET
SN74AHCT74-EP TI1-SN74AHCT74-EP Datasheet
434Kb / 9P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
74AC11074 TI-74AC11074 Datasheet
92Kb / 6P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
REVISED APRIL 1996
SN74LVC74 TI-SN74LVC74 Datasheet
84Kb / 6P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC74A-EP TI1-SN74LVC74A-EP Datasheet
550Kb / 13P
[Old version datasheet]   DUAL POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC74A-Q1 TI1-SN74LVC74A-Q1 Datasheet
222Kb / 11P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74ACT74-EP TI1-SN74ACT74-EP Datasheet
285Kb / 9P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74ALVC74 TI-SN74ALVC74 Datasheet
127Kb / 8P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com