Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39171B5220H810 Datasheet(PDF) 5 Page - EPCOS

Part # B39171B5220H810
Description  SAW IF filter LTE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B39171B5220H810 Datasheet(HTML) 5 Page - EPCOS

  B39171B5220H810 Datasheet HTML 1Page - EPCOS B39171B5220H810 Datasheet HTML 2Page - EPCOS B39171B5220H810 Datasheet HTML 3Page - EPCOS B39171B5220H810 Datasheet HTML 4Page - EPCOS B39171B5220H810 Datasheet HTML 5Page - EPCOS B39171B5220H810 Datasheet HTML 6Page - EPCOS B39171B5220H810 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
September 07, 2012
B5220
172.8 MHz
SAW Components
SAW IF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Transfer function (S21, narrowband, normalized)
Transfer function (S21, wideband, normalized)


Similar Part No. - B39171B5220H810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39171B5220H810 TDK-B39171B5220H810 Datasheet
82Kb / 7P
   SAW IF filter
More results

Similar Description - B39171B5220H810

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5219 EPCOS-B5219 Datasheet
66Kb / 7P
   SAW IF filter LTE
B5204 EPCOS-B5204 Datasheet
57Kb / 7P
   SAW IF filter LTE
B5215 EPCOS-B5215 Datasheet
76Kb / 8P
   SAW IF filter LTE
B5128 EPCOS-B5128 Datasheet
94Kb / 8P
   SAW filter LTE
B5130 EPCOS-B5130 Datasheet
95Kb / 9P
   SAW filter LTE
logo
Transko Electronics, In...
TF-174501-S20 TRANSKO-TF-174501-S20 Datasheet
478Kb / 4P
   LTE, RF SAW Filter
Revision 0: October 2012
TA737AM TRANSKO-TA737AM Datasheet
373Kb / 4P
   LTE, RF SAW Filter
Revision 3: July 2015
TA1845AM TRANSKO-TA1845AM Datasheet
392Kb / 4P
   LTE, RF SAW Filter
Revision 0: December 2011
TA806BM TRANSKO-TA806BM Datasheet
376Kb / 4P
   LTE, RF SAW Filter
Revision 1: November 2012
TF-184001-S20 TRANSKO-TF-184001-S20 Datasheet
470Kb / 4P
   LTE, RF SAW Filter
Revision 0: October 2012
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com