Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL16C550C Datasheet(PDF) 3 Page - Texas Instruments

Part # TL16C550C
Description  ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL16C550C Datasheet(HTML) 3 Page - Texas Instruments

  TL16C550C_12 Datasheet HTML 1Page - Texas Instruments TL16C550C_12 Datasheet HTML 2Page - Texas Instruments TL16C550C_12 Datasheet HTML 3Page - Texas Instruments TL16C550C_12 Datasheet HTML 4Page - Texas Instruments TL16C550C_12 Datasheet HTML 5Page - Texas Instruments TL16C550C_12 Datasheet HTML 6Page - Texas Instruments TL16C550C_12 Datasheet HTML 7Page - Texas Instruments TL16C550C_12 Datasheet HTML 8Page - Texas Instruments TL16C550C_12 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
TL16C550C, TL16C550CI
ASYNCHRONOUS COMMUNICATIONS ELEMENT
WITH AUTOFLOW CONTROL
SLLS177H − MARCH 1994 − REVISED JANUARY 2006
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
detailed description
autoflow control (see Figure 1)
Autoflow control is comprised of auto-CTS and auto-RTS. With auto-CTS, the CTS input must be active before
the transmitter FIFO can emit data. With auto-RTS, RTS becomes active when the receiver needs more data
and notifies the sending serial device. When RTS is connected to CTS, data transmission does not occur unless
the receiver FIFO has space for the data; thus, overrun errors are eliminated using ACE1 and ACE2 from a
TLC16C550C with the autoflow control enabled. If not, overrun errors occur when the transmit data rate exceeds
the receiver FIFO read latency.
RCV
FIFO
Serial to
Parallel
Flow
Control
XMT
FIFO
Parallel
to Serial
Flow
Control
Parallel
to Serial
Flow
Control
Serial to
Parallel
Flow
Control
XMT
FIFO
RCV
FIFO
ACE1
ACE2
D7 − D0
SIN
SOUT
RTS
CTS
SOUT
SIN
CTS
RTS
D7 − D0
Figure 1. Autoflow Control (Auto-RTS and Auto-CTS) Example
auto-RTS (see Figure 1)
Auto-RTS data flow control originates in the receiver timing and control block (see functional block diagram)
and is linked to the programmed receiver FIFO trigger level. When the receiver FIFO level reaches a trigger level
of 1, 4, or 8 (see Figure 3), RTS is deasserted. With trigger levels of 1, 4, and 8, the sending ACE may send
an additional byte after the trigger level is reached (assuming the sending ACE has another byte to send)
because it may not recognize the deassertion of RTS until after it has begun sending the additional byte. RTS
is automatically reasserted once the RCV FIFO is emptied by reading the receiver buffer register.
When the trigger level is 14 (see Figure 4), RTS is deasserted after the first data bit of the 16th character is
present on the SIN line. RTS is reasserted when the RCV FIFO has at least one available byte space.
auto-CTS (see Figure 1)
The transmitter circuitry checks CTS before sending the next data byte. When CTS is active, it sends the next
byte. To stop the transmitter from sending the following byte, CTS must be released before the middle of the
last stop bit that is currently being sent (see Figure 2). The auto-CTS function reduces interrupts to the host
system. When flow control is enabled, CTS level changes do not trigger host interrupts because the device
automatically controls its own transmitter. Without auto-CTS, the transmitter sends any data present in the
transmit FIFO and a receiver overrun error may result.
enabling autoflow control and auto-CTS
Autoflow control is enabled by setting modem control register bits 5 (autoflow enable or AFE) and 1 (RTS) to
a 1. Autoflow incorporates both auto-RTS and auto-CTS. When only auto-CTS is desired, bit 1 in the modem
control register should be cleared (this assumes that a control signal is driving CTS).


Similar Part No. - TL16C550C_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C550CI TI-TL16C550CI Datasheet
554Kb / 39P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
More results

Similar Description - TL16C550C_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C550C TI-TL16C550C Datasheet
554Kb / 39P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
TL16C550D TI-TL16C550D Datasheet
826Kb / 50P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
TL16C550D TI-TL16C550D_09 Datasheet
1Mb / 54P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
TL16C750 TI-TL16C750 Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16PNP550A TI1-TL16PNP550A_08 Datasheet
558Kb / 40P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH PLUG-AND-PLAY (PnP) AND AUTOFLOW CONTROL
TL16PNP550A TI-TL16PNP550A Datasheet
553Kb / 40P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH PLUG-AND-PLAY (PnP) AND AUTOFLOW CONTROL
TL16C450 TI-TL16C450 Datasheet
350Kb / 25P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554 TI-TL16C554 Datasheet
478Kb / 33P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI-TL16C554A Datasheet
605Kb / 10P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C550A TI-TL16C550A Datasheet
434Kb / 31P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com