Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B25667C2457A375 Datasheet(PDF) 7 Page - EPCOS

Part # B25667C2457A375
Description  PhaseCap Premium capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25667C2457A375 Datasheet(HTML) 7 Page - EPCOS

Back Button B25667C2457A375 Datasheet HTML 2Page - EPCOS B25667C2457A375 Datasheet HTML 3Page - EPCOS B25667C2457A375 Datasheet HTML 4Page - EPCOS B25667C2457A375 Datasheet HTML 5Page - EPCOS B25667C2457A375 Datasheet HTML 6Page - EPCOS B25667C2457A375 Datasheet HTML 7Page - EPCOS B25667C2457A375 Datasheet HTML 8Page - EPCOS B25667C2457A375 Datasheet HTML 9Page - EPCOS B25667C2457A375 Datasheet HTML 10Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Film Capacitors – Power Factor Correction
B25667C2457A375
PhaseCap Premium capacitors
MKK230-D-7.5-01
FILM PFC PM
January 2011
Please read Cautions and warnings and
Page 7 of 10
Important notes at the end of this document
.
Cautions and warnings
In case of dents of more than 1 mm depth or any other mechanical damage, capacitors must not
be used at all.
This applies also in cases of oil leakages.
To ensure the full functionality of the overpressure disconnector, elastic elements must not be
hindered and a minimum space of 12 mm has to be kept above each capacitor.
Do not handle the capacitor before it is discharged.
Resonance cases must be avoided by appropriate application design in any case.
Handle capacitors carefully, because they may still be charged even after disconnection due to
faulty discharging devices.
Protect the capacitor properly against over current and short circuit.
Failure to follow cautions may result, worst case, in premature failures, bursting and fire.
Discharging
Capacitors must be discharged to a maximum of 10% of rated voltage before they are switched in
again. This prevents an electric impulse discharge in the application, influences the capacitor’s
service life and protects against electric shock. The capacitor must be discharged to 75 V or less
within 3 minutes. There must be not any switch, fuse or any other disconnecting device in the circuit
between the power capacitor and the discharging device. PhaseCap-capacitors either have a pre-
mounted ceramic discharge module inserted from above into the middle section of the terminal, or for
high voltages/high loads a plastic discharge module mounted at one side of the terminal; alternatively
discharge reactors are available from EPCOS. Discharge and short circuit capacitor before handling!
Service life expectancy
Electrical components do not have an unlimited service life expectancy; this applies to self-healing
capacitors too. The maximum service life expectancy may vary depending on the application the
capacitor is used in.
Safety
Electrical or mechanical misapplication of capacitors may be hazardous. Personal injury or property
damage may result from bursting of the capacitor or from expulsion of oil or melted material due to
mechanical disruption of the capacitor.
Ensure good, effective grounding for capacitor enclosures.
Provide means of disconnecting and insulating a faulty component/bank.
The terminals of capacitors, connected bus bars and cables as well as other devices may also be
energized.
Follow good engineering practice.
Thermal load/over-temperature
After installation of the capacitor it is necessary to verify that maximum hot-spot temperature is not
exceeded at extreme service conditions.


Similar Part No. - B25667C2457A375

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B25667C2457A375 TDK-B25667C2457A375 Datasheet
166Kb / 10P
   Film Capacitors . Power Factor Correction
More results

Similar Description - B25667C2457A375

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25667B2457A375 EPCOS-B25667B2457A375 Datasheet
141Kb / 3P
   PhaseCap Premium capacitors
B25667B4497A375 EPCOS-B25667B4497A375 Datasheet
139Kb / 3P
   PhaseCap Premium capacitors
B25667C2507A175 EPCOS-B25667C2507A175 Datasheet
142Kb / 10P
   PhaseCap Premium capacitors
B25667C3297A375 EPCOS-B25667C3297A375 Datasheet
132Kb / 10P
   PhaseCap Premium capacitors
B25667C3397A375 EPCOS-B25667C3397A375 Datasheet
132Kb / 10P
   PhaseCap Premium capacitors
B25667C4277A375 EPCOS-B25667C4277A375 Datasheet
357Kb / 10P
   PhaseCap Premium capacitors
B25667C4287A375 EPCOS-B25667C4287A375 Datasheet
133Kb / 10P
   PhaseCap Premium capacitors
B25667C4417A365 EPCOS-B25667C4417A365 Datasheet
139Kb / 10P
   PhaseCap Premium capacitors
B25667C4417A375 EPCOS-B25667C4417A375 Datasheet
133Kb / 10P
   PhaseCap Premium capacitors
B25667C4866A375 EPCOS-B25667C4866A375 Datasheet
136Kb / 10P
   PhaseCap Premium capacitors
B25667C5217A175 EPCOS-B25667C5217A175 Datasheet
142Kb / 10P
   PhaseCap Premium capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com