Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B25667C2457A375 Datasheet(PDF) 2 Page - EPCOS

Part # B25667C2457A375
Description  PhaseCap Premium capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25667C2457A375 Datasheet(HTML) 2 Page - EPCOS

  B25667C2457A375 Datasheet HTML 1Page - EPCOS B25667C2457A375 Datasheet HTML 2Page - EPCOS B25667C2457A375 Datasheet HTML 3Page - EPCOS B25667C2457A375 Datasheet HTML 4Page - EPCOS B25667C2457A375 Datasheet HTML 5Page - EPCOS B25667C2457A375 Datasheet HTML 6Page - EPCOS B25667C2457A375 Datasheet HTML 7Page - EPCOS B25667C2457A375 Datasheet HTML 8Page - EPCOS B25667C2457A375 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Film Capacitors – Power Factor Correction
B25667C2457A375
PhaseCap Premium capacitors
MKK230-D-7.5-01
FILM PFC PM
January 2011
Please read Cautions and warnings and
Page 2 of 10
Important notes at the end of this document
.
Construction
Dielectric: Polypropylene film
Gas-impregnated, dry type, non-PCB
Concentric winding
Wave cut
Extruded round aluminum can with stud
Provided with ceramic discharge module
Triple safety system
Features
Three-phase, delta connected
Self-healing technology
Naturally air cooled (or forced air cooling)
Indoor mounting
Typical applications
For power factor correction
Terminals
Optimized capacitor safety terminals
Mounting
Threaded stud at bottom of can
(max. torque for M12 = 10 Nm)


Similar Part No. - B25667C2457A375

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B25667C2457A375 TDK-B25667C2457A375 Datasheet
166Kb / 10P
   Film Capacitors . Power Factor Correction
More results

Similar Description - B25667C2457A375

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25667B2457A375 EPCOS-B25667B2457A375 Datasheet
141Kb / 3P
   PhaseCap Premium capacitors
B25667B4497A375 EPCOS-B25667B4497A375 Datasheet
139Kb / 3P
   PhaseCap Premium capacitors
B25667C2507A175 EPCOS-B25667C2507A175 Datasheet
142Kb / 10P
   PhaseCap Premium capacitors
B25667C3297A375 EPCOS-B25667C3297A375 Datasheet
132Kb / 10P
   PhaseCap Premium capacitors
B25667C3397A375 EPCOS-B25667C3397A375 Datasheet
132Kb / 10P
   PhaseCap Premium capacitors
B25667C4277A375 EPCOS-B25667C4277A375 Datasheet
357Kb / 10P
   PhaseCap Premium capacitors
B25667C4287A375 EPCOS-B25667C4287A375 Datasheet
133Kb / 10P
   PhaseCap Premium capacitors
B25667C4417A365 EPCOS-B25667C4417A365 Datasheet
139Kb / 10P
   PhaseCap Premium capacitors
B25667C4417A375 EPCOS-B25667C4417A375 Datasheet
133Kb / 10P
   PhaseCap Premium capacitors
B25667C4866A375 EPCOS-B25667C4866A375 Datasheet
136Kb / 10P
   PhaseCap Premium capacitors
B25667C5217A175 EPCOS-B25667C5217A175 Datasheet
142Kb / 10P
   PhaseCap Premium capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com