Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B25667C6336A375 Datasheet(PDF) 4 Page - EPCOS

Part # B25667C6336A375
Description  PhaseCap Premium capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25667C6336A375 Datasheet(HTML) 4 Page - EPCOS

  B25667C6336A375 Datasheet HTML 1Page - EPCOS B25667C6336A375 Datasheet HTML 2Page - EPCOS B25667C6336A375 Datasheet HTML 3Page - EPCOS B25667C6336A375 Datasheet HTML 4Page - EPCOS B25667C6336A375 Datasheet HTML 5Page - EPCOS B25667C6336A375 Datasheet HTML 6Page - EPCOS B25667C6336A375 Datasheet HTML 7Page - EPCOS B25667C6336A375 Datasheet HTML 8Page - EPCOS B25667C6336A375 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Film Capacitors – Power Factor Correction
B25667C6336A375
PhaseCap Premium capacitors
MKK690-D-5-01
FILM PFC PM
January 2011
Please read Cautions and warnings and
Page 4 of 10
Important notes at the end of this document
.
M ax. allowable power loss at specific ambient Temp.
B 25667C6336A 375
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
15
35
55
75
95
amb
M ax. allowable current (rms) at specific ambient Temp.
B 25667C6336A375
0
2
4
6
8
15
35
55
75
95
amb
M ax. allowable ambient Temp. at specific power loss
B25667C6336A 375
15
25
35
45
55
65
75
85
95
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
P max
M ax. allowable ambient Temp. at specific current (rms)
B25667C6336A375
15
25
35
45
55
65
75
85
95
01
2
345
6
7
I max
Climatic category –40/D
 min.
–40 ºC
 max.
+55 ºC
Storage temperature
–40 ºC … +85 ºC
hotspot max.
+85 ºC
P max.
at
ambient
1.5 W
+55 ºC
1.0 W
+65 ºC
0.5 W
+75 ºC
Maximum power loss at
ambient
0 W
+85 ºC
Humidity
av. rel. < 95%
Degree of protection
IP 20
Maximum altitude
4 000 m


Similar Part No. - B25667C6336A375

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25667C6107A375 EPCOS-B25667C6107A375 Datasheet
137Kb / 10P
   PhaseCap Premium capacitors
logo
TDK Electronics
B25667C6107A375 TDK-B25667C6107A375 Datasheet
171Kb / 10P
   Film Capacitors - Power Electronic Capacitors
logo
EPCOS
B25667C6137A375 EPCOS-B25667C6137A375 Datasheet
137Kb / 10P
   PhaseCap Premium capacitors
B25667C6167A375 EPCOS-B25667C6167A375 Datasheet
137Kb / 10P
   PhaseCap Premium capacitors
logo
TDK Electronics
B25667C6167A375 TDK-B25667C6167A375 Datasheet
181Kb / 10P
   Film Capacitors Power Factor Correction
More results

Similar Description - B25667C6336A375

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25667B2457A375 EPCOS-B25667B2457A375 Datasheet
141Kb / 3P
   PhaseCap Premium capacitors
B25667B4497A375 EPCOS-B25667B4497A375 Datasheet
139Kb / 3P
   PhaseCap Premium capacitors
B25667C2507A175 EPCOS-B25667C2507A175 Datasheet
142Kb / 10P
   PhaseCap Premium capacitors
B25667C3297A375 EPCOS-B25667C3297A375 Datasheet
132Kb / 10P
   PhaseCap Premium capacitors
B25667C3397A375 EPCOS-B25667C3397A375 Datasheet
132Kb / 10P
   PhaseCap Premium capacitors
B25667C4277A375 EPCOS-B25667C4277A375 Datasheet
357Kb / 10P
   PhaseCap Premium capacitors
B25667C4287A375 EPCOS-B25667C4287A375 Datasheet
133Kb / 10P
   PhaseCap Premium capacitors
B25667C4417A365 EPCOS-B25667C4417A365 Datasheet
139Kb / 10P
   PhaseCap Premium capacitors
B25667C4417A375 EPCOS-B25667C4417A375 Datasheet
133Kb / 10P
   PhaseCap Premium capacitors
B25667C4866A375 EPCOS-B25667C4866A375 Datasheet
136Kb / 10P
   PhaseCap Premium capacitors
B25667C5217A175 EPCOS-B25667C5217A175 Datasheet
142Kb / 10P
   PhaseCap Premium capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com