Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B25667C7626A375 Datasheet(PDF) 5 Page - EPCOS

Part # B25667C7626A375
Description  PhaseCap Premium capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25667C7626A375 Datasheet(HTML) 5 Page - EPCOS

  B25667C7626A375 Datasheet HTML 1Page - EPCOS B25667C7626A375 Datasheet HTML 2Page - EPCOS B25667C7626A375 Datasheet HTML 3Page - EPCOS B25667C7626A375 Datasheet HTML 4Page - EPCOS B25667C7626A375 Datasheet HTML 5Page - EPCOS B25667C7626A375 Datasheet HTML 6Page - EPCOS B25667C7626A375 Datasheet HTML 7Page - EPCOS B25667C7626A375 Datasheet HTML 8Page - EPCOS B25667C7626A375 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Film Capacitors – Power Factor Correction
B25667C7626A375
PhaseCap Premium capacitors
MKK800-D-12.5-01
FILM PFC PM
January 2011
Please read Cautions and warnings and
Page 5 of 10
Important notes at the end of this document
.
Mean life expectancy
tLD
Up to 180 000 hours (temperature class –40/C);
HS  70C
Up to 130 000 hours (temperature class –40/D);
HS  70C
Max. 7500 switchings per year
Terminals
Protection degree
Isolated terminals, IP20
Max. torque
2.0 Nm
Terminal cross section
25 mm
2
Maximum terminal current
80 A
Creepage distance (min.)
12.7 mm
Clearance (min.)
9.6 mm
Safety
Mechanical safety
Overpressure disconnector
Max. short circuit current
(AFC: 10 kA)
Discharge resistor time
≤ 60 s to 75 V or less
Reference standards
IEC 60831–1/2, UL 810-5th edition
Certification: GOST


Similar Part No. - B25667C7626A375

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B25667C7626A375 TDK-B25667C7626A375 Datasheet
171Kb / 10P
   Film Capacitors Power Factor Correction
More results

Similar Description - B25667C7626A375

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25667B2457A375 EPCOS-B25667B2457A375 Datasheet
141Kb / 3P
   PhaseCap Premium capacitors
B25667B4497A375 EPCOS-B25667B4497A375 Datasheet
139Kb / 3P
   PhaseCap Premium capacitors
B25667C2507A175 EPCOS-B25667C2507A175 Datasheet
142Kb / 10P
   PhaseCap Premium capacitors
B25667C3297A375 EPCOS-B25667C3297A375 Datasheet
132Kb / 10P
   PhaseCap Premium capacitors
B25667C3397A375 EPCOS-B25667C3397A375 Datasheet
132Kb / 10P
   PhaseCap Premium capacitors
B25667C4277A375 EPCOS-B25667C4277A375 Datasheet
357Kb / 10P
   PhaseCap Premium capacitors
B25667C4287A375 EPCOS-B25667C4287A375 Datasheet
133Kb / 10P
   PhaseCap Premium capacitors
B25667C4417A365 EPCOS-B25667C4417A365 Datasheet
139Kb / 10P
   PhaseCap Premium capacitors
B25667C4417A375 EPCOS-B25667C4417A375 Datasheet
133Kb / 10P
   PhaseCap Premium capacitors
B25667C4866A375 EPCOS-B25667C4866A375 Datasheet
136Kb / 10P
   PhaseCap Premium capacitors
B25667C5217A175 EPCOS-B25667C5217A175 Datasheet
142Kb / 10P
   PhaseCap Premium capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com