Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KB464AO60 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # KB464AO60
Description  KB464AO60 (KLB-521 O) is a high bright AlInGaP orange LED and has the optimized optical characteristics. Technology : AlInGaP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KB464AO60 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  KB464AO60 Datasheet HTML 1Page - KODENSHI_AUK CORP. KB464AO60 Datasheet HTML 2Page - KODENSHI_AUK CORP. KB464AO60 Datasheet HTML 3Page - KODENSHI_AUK CORP. KB464AO60 Datasheet HTML 4Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AUK CORP.
KB464AO60 (KLB-521 O)
The contents of this data sheet are subject to change without advance notice for the purpose of improvement.
When using this product, would you please refer to the latest specifications.
Rev.O date: 08-AUG-11
AUK-LDM-001(A)
1. Descriptions
KB464AO60 (KLB-521 O) is a high bright AlInGaP orange LED and has the optimized
optical characteristics. Technology : AlInGaP
2. Features
Small Footprint Surface Mount Package ( 4.6 L × 4.7 W × 3.3 H [mm])
Forward Voltage(VF) from 1.8 to 2.5V @ Forward Current(IF)=20mA
Operation Temperature from -30℃ to +85℃
Soldering methods : IR reflow soldering
Taping : 8 ㎜ conductive black carrier tape & antistatic clear cover tape
3. Application
Automotive : audio and watch back light
Indoor Display Modules
Signal and symbol luminaire
Amusement


Similar Part No. - KB464AO60

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KB464AB45 KODENSHI-KB464AB45 Datasheet
264Kb / 3P
   KB464AB45 (KLB-521 B) is a high bright InGaN blue LED and has the optimized optical characteristics.
KB464AG52 KODENSHI-KB464AG52 Datasheet
274Kb / 3P
   KB464AG52 (KLB-521 G) is a high bright InGaP Green LED and has the optimized optical characteristics.
KB464APIK KODENSHI-KB464APIK Datasheet
274Kb / 3P
   KB464APIK (KLB-521 P) is a high bright pink color LED, which has a blue LED chip and is encapsulated by epoxy mixed with phosphor.
KB464AR61 KODENSHI-KB464AR61 Datasheet
273Kb / 3P
   KB464AR61 (KLB-521 R) is a high bright AlInGaP red LED and has the optimized optical characteristics.
More results

Similar Description - KB464AO60

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KB464AR61 KODENSHI-KB464AR61 Datasheet
273Kb / 3P
   KB464AR61 (KLB-521 R) is a high bright AlInGaP red LED and has the optimized optical characteristics.
KB4647O60 KODENSHI-KB4647O60 Datasheet
236Kb / 3P
   KB4647O60 (KLB-520 O-08-T) is a high bright AlInGaP orange LED and has the optimized optical characteristics.
KB4647R62 KODENSHI-KB4647R62 Datasheet
171Kb / 3P
   KB4647R62 (KLB-520 R-08-T) is a high bright AlInGaP red LED and has the optimized optical characteristics.
KB464AB45 KODENSHI-KB464AB45 Datasheet
264Kb / 3P
   KB464AB45 (KLB-521 B) is a high bright InGaN blue LED and has the optimized optical characteristics.
KB464AG52 KODENSHI-KB464AG52 Datasheet
274Kb / 3P
   KB464AG52 (KLB-521 G) is a high bright InGaP Green LED and has the optimized optical characteristics.
KB4647B45 KODENSHI-KB4647B45 Datasheet
238Kb / 3P
   KB4647B45 (KLB-520 B-08-T) is a high bright InGaN blue LED and has the optimized optical characteristics.
KB464APIK KODENSHI-KB464APIK Datasheet
274Kb / 3P
   KB464APIK (KLB-521 P) is a high bright pink color LED, which has a blue LED chip and is encapsulated by epoxy mixed with phosphor.
logo
Lite-On Technology Corp...
LTST-C171KGKT LITEON-LTST-C171KGKT Datasheet
396Kb / 6P
   Ultra bright AlInGaP Chip LED
LTSN-C190QF LITEON-LTSN-C190QF Datasheet
653Kb / 10P
   ULTRA BRIGHT AlINGaP CHIP LED
logo
Vishay Siliconix
TLHE44R1S2-26 VISHAY-TLHE44R1S2-26 Datasheet
106Kb / 5P
   AlInGaP technology
Rev. 1.4, 14-Oct-14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com