Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLX2G66 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NLX2G66
Description  Dual Bilateral Analog Switch / Digital Multiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLX2G66 Datasheet(HTML) 2 Page - ON Semiconductor

  NLX2G66 Datasheet HTML 1Page - ON Semiconductor NLX2G66 Datasheet HTML 2Page - ON Semiconductor NLX2G66 Datasheet HTML 3Page - ON Semiconductor NLX2G66 Datasheet HTML 4Page - ON Semiconductor NLX2G66 Datasheet HTML 5Page - ON Semiconductor NLX2G66 Datasheet HTML 6Page - ON Semiconductor NLX2G66 Datasheet HTML 7Page - ON Semiconductor NLX2G66 Datasheet HTML 8Page - ON Semiconductor NLX2G66 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
NLX2G66
http://onsemi.com
2
Table 1. MAXIMUM RATINGS
Symbol
Rating
Value
Unit
VCC
Positive DC Supply Voltage
−0.5 to +7.0
V
VS
Switch Input / Output Voltage
(Pins 1A, 1B, 2A and 2B)
−0.5 to + VCC + 0.5
V
VI
Digital Control Input Voltage
(Pins 1C and 2C)
−0.5 to +7.0
V
IOK
I/O port diode current
±50
mA
IIK
Control input diode current
−50
mA
II/O
Continuous DC Current Through Analog Switch
±100
mA
IL
Latch−up Current, (Above VCC and below GND at 125°C)
±100
mA
Ts
Storage Temperature
−65 to +150
°C
VESD
ESD Withstand Voltage:
Human Body Model (HBM)
Machine Model (MM)
≥ 5000
> 400
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
Table 2. RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
Positive DC Supply Voltage
1.65
5.5
V
VS
Switch Input / Output Voltage
(Pins 1A, 2A, 1B and 2B)
GND
VCC
V
VI
Digital Control Input Voltage
(Pins 1C and 2C)
GND
5.5
V
TA
Operating Temperature Range
−55
+125
°C
tr, tf
Input Transition Rise or Fall Time
(ON/OFF Control Input)
VCC = < 3.0 V
0
20
ns/V
VCC = ≥ 3.0 V
0
10
Table 3. ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Condition
VCC
Guaranteed Limit
Unit
255C
−555 to 1255C
Min
Max
Min
Max
VIH
High−Level Input Voltage, Control
Input
1.65 to
1.95
VCC x
0.65
V
2.3 to
5.5
VCC x
0.7
VIL
Low−Level Input Voltage, Control
Input
1.65 to
1.95
VCC x
0.35
V
2.3 to
5.5
VCC x
0.30
II
Input Leakage Current, Control Input
VI = VCC or GND
5.5
±0.1
±1
mA
IS(ON)
ON−State Switch Leakage Current
VIS = VCC or GND,
VI = VIH, VOS = Open
5.5
±0.1
±1
mA
IS(OFF)
OFF−State Switch
Leakage Current
VIS = VCC and VOS =
GND, or VIS = GND and
VOS = VCC GND, VI = VIL,
5.5
±0.1
±1
mA
ICC
Quiescent Supply Current
VI = VCC or GND
5.5
1.0
10
mA
ΔICC
Supply Current Change
VI = VCC – 0.6
5.5
500
mA
CI
Control Input Capacitance
5
3.0
pF
CI/O(Off)
Switch OFF Input / Output Capacitance
See Figure 3
5
6.0
pF
CI/O(On)
Switch ON Input / Output Capacitance
See Figure 4
5
13
pF


Similar Part No. - NLX2G66

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX2G66 ONSEMI-NLX2G66 Datasheet
113Kb / 11P
   Dual Bilateral Analog Switch / Digital Multiplexer
May, 2016 ??Rev. 5
NLX2G66DMUTAG ONSEMI-NLX2G66DMUTAG Datasheet
113Kb / 11P
   Dual Bilateral Analog Switch / Digital Multiplexer
May, 2016 ??Rev. 5
NLX2G66DMUTCG ONSEMI-NLX2G66DMUTCG Datasheet
113Kb / 11P
   Dual Bilateral Analog Switch / Digital Multiplexer
May, 2016 ??Rev. 5
NLX2G66FCTAG ONSEMI-NLX2G66FCTAG Datasheet
113Kb / 11P
   Dual Bilateral Analog Switch / Digital Multiplexer
May, 2016 ??Rev. 5
NLX2G66MU3TCG ONSEMI-NLX2G66MU3TCG Datasheet
113Kb / 11P
   Dual Bilateral Analog Switch / Digital Multiplexer
May, 2016 ??Rev. 5
More results

Similar Description - NLX2G66

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX2G66 ONSEMI-NLX2G66_16 Datasheet
113Kb / 11P
   Dual Bilateral Analog Switch / Digital Multiplexer
May, 2016 ??Rev. 5
logo
Texas Instruments
SN74LVC2G66 TI-SN74LVC2G66_07 Datasheet
585Kb / 19P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74LVC2G66 UTC-U74LVC2G66 Datasheet
247Kb / 10P
   DUAL BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74LVC2G66-Q1 TI1-SN74LVC2G66-Q1_14 Datasheet
868Kb / 19P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74AUC2G66 TI-SN74AUC2G66 Datasheet
323Kb / 16P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74AUC2G66 TI-SN74AUC2G66_08 Datasheet
459Kb / 18P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66 TI-SN74LVC2G66 Datasheet
433Kb / 19P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74AUC2G66 TI-SN74AUC2G66_15 Datasheet
845Kb / 21P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74LVC2G66 UTC-U74LVC2G66_15 Datasheet
297Kb / 10P
   DUAL BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74LVC2G66-Q1 TI-SN74LVC2G66-Q1_15 Datasheet
842Kb / 18P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com