Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7111S2015X02 Datasheet(PDF) 1 Page - FCI connector

Part # 7111S2015X02
Description  SIM ASSY WITH COVER CLOSED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

7111S2015X02 Datasheet(HTML) 1 Page - FCI connector

  7111S2015X02_11 Datasheet HTML 1Page - FCI connector 7111S2015X02_11 Datasheet HTML 2Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A
B
C
1
2
3
4
D
A
B
C
D
1
2
3
4
REV F - 2006-04-17
A
A
6.33
0.8
5.08
2.54
17.2
7
0.15
1
PART NUMBER
LF PART NUMBERS
7111S2015X02
7111S2015X02LF
General Tolerances
0 to 10mm:
0.1mm
10 to 25mm:
0.15mm
25 to 60mm:
0.2mm
60 and more:
0.3mm
rev
ecn no
dr
date
J
I11-0173 NPM
2011/10/14
-
-
-
-
D
105-0155 NT
2005/09/05
E
I06-0084 SSC
2006/06/21
F
I07-0012 SSC 2007/01/22
G
I08-0051 SSC 2008/04/07
H
I09-0155 SSC 2009/08/03
sheet
1 of 2
CUSTOMER
see table
catalog no
J
VJW54355
S20
Rev.
SIM ASSY WITH COVER CLOSED
--
Spec ref
MOBILE I/O
Product family
2011/10/14
SUDHIR V.
Appr
I11-0173
ECN
0.XXX
LINEAR
0
2011/10/14
NEBU PM
Chr
2:1
A3
0.XX
ANGULAR
1998/09/01
G.GAMACHO
Eng
Scale
size
0.X
1998/09/01
L.VUILLEMIN
Dr
TOLERANCES UNLESS OTHERWISE SPECIFIED
www.fciconnect.com
mm
ISO 1101
ISO 406
ISO 1302
projection
tolerance std
--
surface
SEE NOTE SHEET 2
SECTION
A-A
SEE DETAIL
F
0.1
DETAIL
F
SCALE
10:1
X
J
(
)
1.27
PDM: Rev:J
Released
.
STATUS:
Printed: Oct 15, 2011


Similar Part No. - 7111S2015X02_11

ManufacturerPart #DatasheetDescription
logo
FCI connector
7111S2015X02 FCI-CONNECTOR-7111S2015X02 Datasheet
214Kb / 2P
   SIM CARD READER
More results

Similar Description - 7111S2015X02_11

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1578314 MOLEX11-1578314 Datasheet
756Kb / 7P
   SIM CONNECTOR ASSY
logo
AAEON Technology
FWS-2251 AAEON-FWS-2251 Datasheet
299Kb / 2P
   Accessible SIM Cover
logo
PHOENIX CONTACT
2907363 PHOENIX-2907363 Datasheet
148Kb / 9P
   Housing cover, closed
logo
Tyco Electronics
5146893-1 MACOM-5146893-1 Datasheet
101Kb / 1P
   RECEPTACLE ASSY, W/ VACUM COVER
logo
Switchcraft, Inc.
2C1072 SWITCH-2C1072 Datasheet
70Kb / 1P
   TIP JAX COVER ASSY BLACK
logo
Molex Electronics Ltd.
0398710710 MOLEX11-0398710710 Datasheet
217Kb / 2P
   HEADER, RA, CLOSED ENDS ASSY, 5.00 CNTRS
logo
TE Connectivity Ltd
C-2007009 TEC-C-2007009 Datasheet
299Kb / 1P
   RCPT ASSY,W/COVER,1.0mmFH(IEEE1386) CONNECTOR
C-120528 TEC-C-120528 Datasheet
300Kb / 1P
   RCPT ASSY,W/COVER,1.0mmFH(IEEE1386) CONNECTOR
logo
Tyco Electronics
5120530-1 MACOM-5120530-1 Datasheet
156Kb / 1P
   RCPT ASSY, W/COVER, 1.0mmFH(IEEEI386) CONNECTOR
logo
FCI connector
7112S08X5X01 FCI-CONNECTOR-7112S08X5X01 Datasheet
173Kb / 2P
   ASSY PERFORATED COVER/SPRING 6 OR 8 CTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com