Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM4463P Datasheet(PDF) 2 Page - Analog Power

Part # AM4463P
Description  P-Channel 20-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM4463P Datasheet(HTML) 2 Page - Analog Power

  AM4463P Datasheet HTML 1Page - Analog Power AM4463P Datasheet HTML 2Page - Analog Power AM4463P Datasheet HTML 3Page - Analog Power AM4463P Datasheet HTML 4Page - Analog Power AM4463P Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
AM4463P
Analog Power
January, 2004 - Rev. A
PRELIMINARY
Publication Order Number:
DS-AM4463_C
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty, representation
or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out of the application or
use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental
damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary in different applications and
actual performance may vary over time. All operating parameters, including “Typical” must be validated for each customer application by
customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL products are not designed,
intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or
sustain life, or for any other application in which the failure of the APL product could create a situation where personal injury or death may occur.
Should Buyer purchase or use APL products for any such unintended or unauthorized application, Buyer shall indemnify and hold APL and its
officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney
fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such
claim alleges that APL was negligent regarding the design or manufacture of the part. APL is an Equal Opportunity/Affirmative Action Employer.
Min
Typ
Max
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = -250 uA
-0.7
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ±12 V
±100
nA
VDS = -16 V, VGS = 0 V
-1
VDS = -16 V, VGS = 0 V, TJ = 55
oC
-5
On-State Drain Current
A
ID(on)
VDS = -4.5 V, VGS = -10 V
-50
A
VGS = -4.5 V, ID = -11.5 A
11.5
VGS = -2.5 V, ID = -10.4 A
19
VGS = -1.8 V, ID = -7.7 A
35
Forward Tranconductance
A
gfs
VDS = -15 V, ID = -11.5 A
70
S
Diode Forward Voltage
VSD
IS = 2.5 A, VGS = 0 V
-0.6
V
Total Gate Charge
Qg
33.4
Gate-Source Charge
Qgs
5.9
Gate-Drain Charge
Qgd
8.1
Turn-On Delay Time
td(on)
20
Rise Time
tr
23
Turn-Off Delay Time
td(off)
289
Fall-Time
tf
134
Dynamic
b
SPECIFICATIONS (TA = 25
oC UNLESS OTHERWISE NOTED)
uA
IDSS
Zero Gate Voltage Drain Current
Static
Test Conditions
Symbol
VDD = -10 V, RL = 6 Ω , ID = -1 A,
VGEN = -4.5 V
nS
VDS = -10 V, VGS = -4.5 V,
ID = -11.5 A
nC
Drain-Source On-Resistance
A
rDS(on)
mΩ
Parameter
Limits
Unit


Similar Part No. - AM4463P

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM4460NT ANALOGPOWER-AM4460NT Datasheet
371Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM4462N ANALOGPOWER-AM4462N Datasheet
369Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AM4462N DOINGTER-AM4462N Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
Analog Power
AM4464N ANALOGPOWER-AM4464N Datasheet
418Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM4466N ANALOGPOWER-AM4466N Datasheet
93Kb / 3P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - AM4463P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com