Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLM18AG331SN1R Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # BLM18AG331SN1R
Description  Chip EMIFILr Inductor Type Chip Ferrite Beads
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM18AG331SN1R Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  BLM18AG331SN1R Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. BLM18AG331SN1R Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. BLM18AG331SN1R Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.murata.com/
Data Sheet
! Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
1
o This data sheet is applied for CHIP FERRITE BEAD used for General Electronics equipment for your design.
2009.1.8
Noise Suppression Products/EMI Suppression Filters > Chip EMIFILr Inductor Type > Chip Ferrite Beads
0.4
±0.2
1.6
±0.15
0.8
±0.15
(in mm)
(Resistance element becomes dominant
at high frequencies.)
Chip EMIFILr Inductor Type Chip Ferrite Beads
BLM18A Series (0603 Size)
I Dimension
I Equivalent Circuit
I Packaging
Code
Packaging
Minimum Quantity
D
180mm Paper Tape
4000
J
330mm Paper Tape
10000
B
Bulk(Bag)
1000
I Rated Value (p: packaging code)
Part Number
Impedance
(at 100MHz/20
°C)
Impedance
(at 1GHz/20
°C)
Rated Current
DC Resistance(max.)
Operating
Temperature Range
BLM18AG121SN1p
120ohm
±25%
-
500mA
0.18ohm
-55
°C to +125°C
BLM18AG151SN1p
150ohm
±25%
-
500mA
0.25ohm
-55
°C to +125°C
BLM18AG221SN1p
220ohm
±25%
-
500mA
0.25ohm
-55
°C to +125°C
BLM18AG331SN1p
330ohm
±25%
-
500mA
0.30ohm
-55
°C to +125°C
BLM18AG471SN1p
470ohm
±25%
-
500mA
0.35ohm
-55
°C to +125°C
BLM18AG601SN1p
600ohm
±25%
-
500mA
0.38ohm
-55
°C to +125°C
BLM18AG102SN1p
1000ohm
±25%
-
400mA
0.50ohm
-55
°C to +125°C
Number of Circuits: 1
Continued on the following page.


Similar Part No. - BLM18AG331SN1R

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM18AG331SN1 MURATA-BLM18AG331SN1 Datasheet
290Kb / 18P
   On-Board Type (DC) EMI Suppression Filters
BLM18AG331SN1 MURATA-BLM18AG331SN1 Datasheet
2Mb / 88P
   EMI Suppression Filters
BLM18AG331SN1 MURATA-BLM18AG331SN1 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
BLM18AG331SN1 MURATA-BLM18AG331SN1 Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
logo
Murata Manufacturing Co...
BLM18AG331SN1 MURATA1-BLM18AG331SN1 Datasheet
247Kb / 3P
   The chip ferrite beads BLM series is designed to function nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated06/30/2022
More results

Similar Description - BLM18AG331SN1R

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM31A MURATA-BLM31A Datasheet
50Kb / 2P
   Chip EMIFILr Inductor Type Chip Ferrite Beads
BLM18S MURATA-BLM18S Datasheet
80Kb / 3P
   Chip EMIFILr Inductor Type Chip Ferrite Beads BLM18S Series (0603 Size)
BLM31BE601SN1L MURATA-BLM31BE601SN1L Datasheet
43Kb / 2P
   Chip EMIFILr Inductor Type Chip Ferrite Beads BLM31B Series (1206 Size)
BLM21PG300SN1D MURATA-BLM21PG300SN1D Datasheet
123Kb / 4P
   EMIFILr (Inductor type) Chip Ferrite Bead
BLM21AG102SN1D MURATA-BLM21AG102SN1D Datasheet
112Kb / 3P
   EMIFILr (Inductor type) Chip Ferrite Bead
BLM21PG600SN1D MURATA-BLM21PG600SN1D Datasheet
123Kb / 4P
   EMIFILr (Inductor type) Chip Ferrite Bead
L0110S0100BLM41A-EB MURATA-L0110S0100BLM41A-EB Datasheet
46Kb / 2P
   Chip EMIFIL Inductor Type Chip Ferrite Beads
logo
Murata Manufacturing Co...
BLM21AJ601SN1D MURATA1-BLM21AJ601SN1D Datasheet
47Kb / 2P
   Chip EMIFIL Inductor Type Chip Ferrite Beads
2007.11.1
BLM31AF700SN1X MURATA1-BLM31AF700SN1X Datasheet
48Kb / 2P
   Chip EMIFIL Inductor Type Chip Ferrite Beads
2007.11.1
logo
Murata Manufacturing Co...
BLM21AH102SN1D MURATA-BLM21AH102SN1D Datasheet
49Kb / 2P
   Chip EMIFIL Inductor Type Chip Ferrite Beads
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com