Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B1103 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # B1103
Description  Desoldering Tool
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

B1103 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  B1103 Datasheet HTML 1Page - List of Unclassifed Manufacturers B1103 Datasheet HTML 2Page - List of Unclassifed Manufacturers B1103 Datasheet HTML 3Page - List of Unclassifed Manufacturers B1103 Datasheet HTML 4Page - List of Unclassifed Manufacturers B1103 Datasheet HTML 5Page - List of Unclassifed Manufacturers B1103 Datasheet HTML 6Page - List of Unclassifed Manufacturers B1103 Datasheet HTML 7Page - List of Unclassifed Manufacturers B1103 Datasheet HTML 8Page - List of Unclassifed Manufacturers B1103 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
3. Part Names
3
Desoldering Gun
(Refer to p.19, 20 & 21 for part nos.)
Nozzle
Transmits heat for melting solder, En-
trance for melted solder.
Expendable part.
Heating Element
Inside requires cleaning.
Trigger
Squeeze to start absorption.
Do not pull the trigger before
fully heating the nozzle.
Filter Pipe
Set the ceramic paper filter (L) (No.A1033).
Contains melted solder and flux using filters.
Filters are expendable parts.
Back Holder As-
sembly
Secures the filter
pipe.
Release Knob
Push down to remove
the filter pipe.
Indicator
Indicates when nozzle
and heating element
need cleaning and
when filters need
replacing.
(refer to p.9)
Hose
Connects to the vacuum outlet
cap (station).
Cord Assembly
Connects to the receptacle (station).


Similar Part No. - B1103

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B110-DIN-01 TRIPPLITE-B110-DIN-01 Datasheet
174Kb / 2P
   DIN Rail-Mounting Bracket for Digital Signage, Version 1 - 41 mm mounting distance
B110-DIN-02 TRIPPLITE-B110-DIN-02 Datasheet
163Kb / 2P
   DIN Rail-Mounting Bracket for Digital Signage, Version 2 - 65 mm Mounting Distance
B110-SP-10G TRIPPLITE-B110-SP-10G Datasheet
45Kb / 4P
   In-Line Network Surge Protector - 10 Gbps, Cat6a/8, Metal Case, IEC Compliant, TAA
B110-SP-CAT TRIPPLITE-B110-SP-CAT Datasheet
167Kb / 3P
   In-Line Network Surge Protector for Digital Signage - HDBaseT/10G Cat5e/6, IEC Compliant, TAA
B110-SP-CAT-OD2 TRIPPLITE-B110-SP-CAT-OD2 Datasheet
168Kb / 4P
   Outdoor In-Line PoE Surge Protector - IP68 Rated, 1 Gbps, Cat5e/6, IEC Compliant, 110 Punch Down, TAA
More results

Similar Description - B1103

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SW3PF-100 ETC2-SW3PF-100 Datasheet
392Kb / 9P
   DESOLDERING BRAID
DX110 ETC2-DX110 Datasheet
1Mb / 24P
   Desoldering & Rework Stations
logo
OKI electronic componet...
MX-5000 OKI-MX-5000 Datasheet
1Mb / 12P
   Soldering, Desoldering and Rework System
MFR-1300 OKI-MFR-1300 Datasheet
124Kb / 2P
   MFR-1300 Desoldering System
logo
Aven, Inc.
17502 AVEN-17502 Datasheet
668Kb / 1P
   Soldering/Desoldering Kit - 7pc
17501 AVEN-17501 Datasheet
668Kb / 1P
   Soldering/Desoldering Kit - 6pc
logo
List of Unclassifed Man...
A1002 ETC2-A1002 Datasheet
188Kb / 1P
   Desoldering Gun for HAKKO 474.475
logo
Molex Electronics Ltd.
0051317799 MOLEX1-0051317799 Datasheet
31Kb / 1P
   WXMT Micro-Desoldering Tweezers, No Tip Cartridge
logo
List of Unclassifed Man...
DP-DSG2 ETC2-DP-DSG2 Datasheet
815Kb / 32P
   SOLDERING, DESOLDERING AND REWORK SYSTEMS
logo
Molex Electronics Ltd.
0051317899 MOLEX1-0051317899 Datasheet
34Kb / 1P
   WXMT Micro-Desoldering Tweezers, RTW2 Tip Set, WDH 60 Stand
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com