Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B1275 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # B1275
Description  Desoldering Tool
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

B1275 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button B1275 Datasheet HTML 2Page - List of Unclassifed Manufacturers B1275 Datasheet HTML 3Page - List of Unclassifed Manufacturers B1275 Datasheet HTML 4Page - List of Unclassifed Manufacturers B1275 Datasheet HTML 5Page - List of Unclassifed Manufacturers B1275 Datasheet HTML 6Page - List of Unclassifed Manufacturers B1275 Datasheet HTML 7Page - List of Unclassifed Manufacturers B1275 Datasheet HTML 8Page - List of Unclassifed Manufacturers B1275 Datasheet HTML 9Page - List of Unclassifed Manufacturers B1275 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
5
4. Operation
Tube(red)
Securely insert the
cleaning pin holder.
Preparation-Assembly and Connection
Assemble the HAKKO 474 on a flat surface.
1 Assemble the iron holder.
• Set the spring iron holder and
cleaning pin holder in the iron
holder base.
• Dampen the cleaning sponge
with water and then squeeze it
dry.
CAUTION
The sponge is compressed.
It will swell when moistened with
water.
Be sure to dampen the sponge with
water before use.
Be sure to remove the round portion
of the sponge.
2 Insert the desoldering
gun and cleaning pins.
• Fully insert the desoldering gun
into the spring iron holder.
CAUTION
The spring iron holder becomes
extremely hot during operation of
the desoldering gun. Do not touch
the spring iron holder during and
immediately after using the gun.
3 Connections
CAUTION
Be sure to turn off the power switch
before connecting or disconnecting
the cord assembly and the power
plug. Failure to do so may damage
the P.W.B.
• Connect the cord assembly to the
receptacle (marked “IRON”).
• Connect the hose to the vacuum
outlet cap (marked “VACUUM”).
Insert the cord
assembly by keying
the plug to the key
on the receptacle.
Secure the plug by
turning it clockwise.
Fully insert the hose
into the vacuum outlet
cap.
Spring Iron Holder
(No.B1094)
Cleaning Pin Holder
(No.B1095)
Iron Holder Base
Cleaning Sponge


Similar Part No. - B1275

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B127-002-2H2 TRIPPLITE-B127-002-2H2 Datasheet
164Kb / 4P
   HDMI over Cat6 Splitter/Extender Kit with PoC, 2 Ports - 4K x 2K @ 60 Hz, 4:4:4, 125 ft. (38.1 m), TAA
B127-002-D2H TRIPPLITE-B127-002-D2H Datasheet
164Kb / 4P
   DisplayPort to HDMI over Cat6 Splitter/Extender Kit, PoC, 2 Ports - 4K @ 60 Hz, 125 ft. (38 m), TAA
B127-002-H TRIPPLITE-B127-002-H Datasheet
163Kb / 3P
   HDMI over Cat6 Splitter/Extender with PoC, 2 Ports - 4K x 2K @ 60 Hz, 4:4:4, 125 ft. (38.1 m), TAA
B127-004-D4H TRIPPLITE-B127-004-D4H Datasheet
164Kb / 4P
   DisplayPort to HDMI over Cat6 Splitter/Extender Kit, PoC, 4 Ports - 4K @ 60 Hz, 125 ft. (38 m), TAA
B127-004-H TRIPPLITE-B127-004-H Datasheet
162Kb / 4P
   HDMI over Cat6 Splitter/Extender with PoC, 4 Ports - 4K x 2K @ 60 Hz, 4:4:4, 125 ft. (38.1 m), TAA
More results

Similar Description - B1275

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SW3PF-100 ETC2-SW3PF-100 Datasheet
392Kb / 9P
   DESOLDERING BRAID
DX110 ETC2-DX110 Datasheet
1Mb / 24P
   Desoldering & Rework Stations
logo
OKI electronic componet...
MX-5000 OKI-MX-5000 Datasheet
1Mb / 12P
   Soldering, Desoldering and Rework System
MFR-1300 OKI-MFR-1300 Datasheet
124Kb / 2P
   MFR-1300 Desoldering System
logo
Aven, Inc.
17502 AVEN-17502 Datasheet
668Kb / 1P
   Soldering/Desoldering Kit - 7pc
17501 AVEN-17501 Datasheet
668Kb / 1P
   Soldering/Desoldering Kit - 6pc
logo
List of Unclassifed Man...
A1002 ETC2-A1002 Datasheet
188Kb / 1P
   Desoldering Gun for HAKKO 474.475
logo
Molex Electronics Ltd.
0051317799 MOLEX1-0051317799 Datasheet
31Kb / 1P
   WXMT Micro-Desoldering Tweezers, No Tip Cartridge
logo
List of Unclassifed Man...
DP-DSG2 ETC2-DP-DSG2 Datasheet
815Kb / 32P
   SOLDERING, DESOLDERING AND REWORK SYSTEMS
logo
Molex Electronics Ltd.
0051317899 MOLEX1-0051317899 Datasheet
34Kb / 1P
   WXMT Micro-Desoldering Tweezers, RTW2 Tip Set, WDH 60 Stand
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com