Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NL6448BC20-18D Datasheet(PDF) 5 Page - NEC

Part # NL6448BC20-18D
Description  TFT COLOR LCD MODULE
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NL6448BC20-18D Datasheet(HTML) 5 Page - NEC

  NL6448BC20-18D Datasheet HTML 1Page - NEC NL6448BC20-18D Datasheet HTML 2Page - NEC NL6448BC20-18D Datasheet HTML 3Page - NEC NL6448BC20-18D Datasheet HTML 4Page - NEC NL6448BC20-18D Datasheet HTML 5Page - NEC NL6448BC20-18D Datasheet HTML 6Page - NEC NL6448BC20-18D Datasheet HTML 7Page - NEC NL6448BC20-18D Datasheet HTML 8Page - NEC NL6448BC20-18D Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
NL6448BC20-18D
DATA SHEET DOD-PP-0251 (6th edition)
5
2. GENERAL SPECIFICATIONS
Display area
132.48 (H)
× 99.36 (V) mm
Diagonal size of display
17cm (6.5inches)
Drive system
a-Si TFT active matrix
Display color
262,144 colors
Pixel
640 (H)
× 480 (V) pixels
Pixel arrangement
RGB (Red dot, Green dot, Blue dot) vertical stripe
Dot pitch
0.0690 (H)
× 0.2070 (V) mm
Pixel pitch
0.2070 (H)
× 0.2070 (V) mm
Module size
153.0 (W)
× 118.0 (H) × 10.5 (D) mm (typ.)
Weight
205g (typ.)
Contrast ratio
600:1 (typ.)
Viewing angle
At the contrast ratio
10:1
• Horizontal: Right side 80° (typ.), Left side 80° (typ.)
• Vertical: Up side 80° (typ.), Down side 60° (typ.)
Designed viewing direction
At DPS= Low or open: Normal scan
• Viewing direction without image reversal: up side (12 o'clock)
• Viewing direction with contrast peak: down side (6 o'clock)
• Viewing angle with optimum grayscale (γ=2.2): normal axis
(perpendicular)
Polarizer surface
Antiglare
Polarizer pencil-hardness
2H (min.) [by JIS K5400]
Color gamut
At LCD panel center
40% (typ.) [against NTSC color space]
Response time
Ton+Toff (10%
←→ 90%)
25ms (typ.)
Luminance
At IBL= 5.0mArms / lamp
400cd/m
2 (typ.)
Signal system
6-bit digital signals for data of RGB colors,
Dot clock (CLK), Data enable (DE),
Horizontal synchronous signal (Hsync),
Vertical synchronous signal (Vsync)
Power supply voltage
LCD panel signal processing board: 3.3V or 5.0V
Backlight
Edge light type: 2 cold cathode fluorescent lamps
Replaceable part
• Lamp holder set: Type No. 65LHS10
Recommended inverter (Option)
• Inverter: Type No. 65PW061
Power consumption
At IBL= 5.0mArms / lamp, Checkered flag pattern
4.4W (typ., Power dissipation of the inverter is not included.)


Similar Part No. - NL6448BC20-18D

ManufacturerPart #DatasheetDescription
logo
NEC
NL6448BC20-14 NEC-NL6448BC20-14 Datasheet
168Kb / 10P
   DOD-PD-0734 (2nd edition)
More results

Similar Description - NL6448BC20-18D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TM150XG-22L01A ETC1-TM150XG-22L01A Datasheet
612Kb / 15P
   TFT COLOR LCD MODULE
logo
AZ Displays
PM070WU1 AZDISPLAYS-PM070WU1 Datasheet
582Kb / 20P
   color TFT LCD module
PM102ZY3 AZDISPLAYS-PM102ZY3 Datasheet
793Kb / 28P
   color TFT LCD module
PD040QX2 AZDISPLAYS-PD040QX2 Datasheet
1Mb / 34P
   color TFT LCD module
logo
Purdy Electronics Corpo...
AND-TFT-35VX-LED PURDY-AND-TFT-35VX-LED Datasheet
3Mb / 6P
   TFT LCD Color Module
logo
NEC
NL6448BC33-53 NEC-NL6448BC33-53 Datasheet
253Kb / 29P
   TFT COLOR LCD MODULE
logo
List of Unclassifed Man...
TM150XG-02L02E ETC1-TM150XG-02L02E Datasheet
233Kb / 18P
   TFT COLOR LCD MODULE
TM150XG-02L02F ETC1-TM150XG-02L02F Datasheet
235Kb / 17P
   TFT COLOR LCD MODULE
TM150XG-26L07 ETC1-TM150XG-26L07 Datasheet
200Kb / 14P
   TFT COLOR LCD MODULE
V26L8060AA ETC-V26L8060AA Datasheet
295Kb / 17P
   color TFT LCD module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com