Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LS251 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74LS251
Description  3-STATE 1-of-8 Line Data Selector/Multiplexer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LS251 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74LS251 Datasheet HTML 1Page - Fairchild Semiconductor 74LS251 Datasheet HTML 2Page - Fairchild Semiconductor 74LS251 Datasheet HTML 3Page - Fairchild Semiconductor 74LS251 Datasheet HTML 4Page - Fairchild Semiconductor 74LS251 Datasheet HTML 5Page - Fairchild Semiconductor 74LS251 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the “Electrical
Characteristics” table are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted)
Note 2: All typicals are at VCC = 5V, TA = 25°C.
Note 3: Not more than one output should be shorted at a time, and the duration should not exceed one second.
Note 4: ICC1 is measured with the outputs open, STROBE grounded, and all other inputs at 4.5V.
Note 5: ICC2 is measured with the outputs open and all inputs at 4.5V.
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.75
5
5.25
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−2.6
mA
IOL
LOW Level Output Current
24
mA
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 2)
VI
Input Clamp Voltage
VCC = Min, II = −18 mA
−1.5
V
VOH
HIGH Level
VCC = Min, IOH = Max
2.4
3.1
V
Output Voltage
VIL = Max, VIH = Min
VOL
LOW Level
VCC = Min, IOL = Max
0.35
0.5
Output Voltage
VIL = Max, VIH = Min
V
IOL = 12 mA, VCC = Min
0.25
0.4
II
Input Current @ Max Input Voltage
VCC = Max, VI = 7V
0.1
mA
IIH
HIGH Level Input Current
VCC = Max, VI = 2.7V
20
µA
IIL
LOW Level Input Current
VCC = Max, VI = 0.4V
−0.4
mA
IOZH
Off-State Output Current with
VCC = Max, VO = 2.7V
20
µA
HIGH Level Output Voltage Applied
VIH = Min, VIL = Max
IOZL
Off-State Output Current with
VCC = Max, VO = 0.4V
−20
µA
LOW Level Output Voltage Applied
VIH = Min, VIL = Max
IOS
Short Circuit Output Current
VCC = Max (Note 3)
−20
−100
mA
ICC1
Supply Current
VCC = Max (Note 4)
6.1
10
mA
ICC2
Supply Current
VCC = Max (Note 5)
7.1
12
mA


Similar Part No. - 74LS251

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LS251 ONSEMI-74LS251 Datasheet
125Kb / 8P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
logo
Texas Instruments
74LS251 TI-74LS251 Datasheet
312Kb / 9P
[Old version datasheet]   DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
74LS251 HITACHI-74LS251 Datasheet
74Kb / 6P
   1 of 8 Data Selectors/Multiplexers(with strobe and three-state outputs)
More results

Similar Description - 74LS251

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS251 FAIRCHILD-DM74ALS251 Datasheet
76Kb / 7P
   3-STATE 1-of-8 Line Data Selector/Multiplexer
DM74ALS251N FAIRCHILD-DM74ALS251N Datasheet
80Kb / 7P
   3-STATE 1-of-8 Line Data Selector/Multiplexer
logo
National Semiconductor ...
DM54S251 NSC-DM54S251 Datasheet
121Kb / 6P
   TRI-STATE 1 of 8 Line Data Selector/Multiplexer
logo
Renesas Technology Corp
HD74HC152 RENESAS-HD74HC152 Datasheet
174Kb / 6P
   1-of-8-line Data Selector/Multiplexer
logo
Hitachi Semiconductor
HD74HC151 HITACHI-HD74HC151 Datasheet
51Kb / 8P
   1 of-8-line Data Selector/Multiplexer
logo
Fairchild Semiconductor
DM74ALS151 FAIRCHILD-DM74ALS151 Datasheet
56Kb / 6P
   1 of 8 Line Data Selector/Multiplexer
DM74LS151 FAIRCHILD-DM74LS151 Datasheet
70Kb / 7P
   1-of-8 Line Data Selector/Multiplexer
logo
Renesas Technology Corp
HD74HC151 RENESAS-HD74HC151 Datasheet
96Kb / 7P
   1-of-8-line Data Selector/Multiplexer
logo
Hitachi Semiconductor
HD74HC152 HITACHI-HD74HC152 Datasheet
48Kb / 8P
   1-of-8-line Data Selector/Multiplexer
logo
National Semiconductor ...
DM74ALS151 NSC-DM74ALS151 Datasheet
100Kb / 6P
   1 of 8 Line Data Selector/Multiplexer
August 1995
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com