Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA8840HP(L) Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # OPA8840HP(L)
Description  Infrared LED Chip
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

OPA8840HP(L) Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  OPA8840HP(L) Datasheet HTML 1Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Infrared LED Chip
High Speed
GaAlAs/GaAlAs
1. Material
Substrate
GaAlAs (P Type) Removed
Epitaxial Layer GaAlAs (N/P Type)
2. Electrode
N(Cathode) Side Gold Alloy
P(Anode) Side Gold Alloy
3. Electro-Optical
Parameter
Symbol
Min
Typ
Max
Unit
Condition
Characteristics
VF(1)
1.1
V
IF=10uA
VF(2)
1.6
1.8
V
IF=100mA
Reverse Voltage
VR
5
V
IR=10uA
Power
PO
12.5
mW
IF=50mA
λP
880
nm
IF=50mA
∆λ
45
nm
IF=50mA
Rise Time
Tr
28
ns
Fall Time
Tf
20
ns
Note : Power is measured by Sorter E/T system with bare chip.
4. Mechanical Data (a) Emission Area
--------------------- 14.7mil x 14.7mil
(b) Bottom Area
--------------------- 15.7mil x 15.7mil
(c) Bonding Pad
---------------------
130um
(d) Chip Thickness
---------------------
4mil
(e) Junction Height
---------------------
4.6mil
P Side Electrode
N Side Electrode
Eoyang factory,513-5 Eoyang-dong, Iksan, 570-210, Korea
Tel.
+82 63 839 1111
Fax.
+82 63 835 8259
www.auk.co.kr
OPA8840HP(L)
Forward Voltage
Wavelength
AUK Corp.
(c)
(a)
(b)
(e)
(d)


Similar Part No. - OPA8840HP(L)

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
OPA8840HP KODENSHI-OPA8840HP Datasheet
100Kb / 1P
   Infrared LED Chip
More results

Similar Description - OPA8840HP(L)

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
IR17-21C A-BRIGHT-IR17-21C Datasheet
325Kb / 5P
   Chip Infrared LED
2006/9/28
logo
Everlight Electronics C...
SIR17-21C EVERLIGHT-SIR17-21C Datasheet
232Kb / 10P
   Infrared Chip LED
logo
KODENSHI_AUK CORP.
OPA9425AL KODENSHI-OPA9425AL Datasheet
100Kb / 1P
   Infrared LED Chip
OPA9441F KODENSHI-OPA9441F Datasheet
97Kb / 1P
   Infrared LED Chip
OPA9454 KODENSHI-OPA9454 Datasheet
95Kb / 1P
   Infrared LED Chip
OPA7740EDD KODENSHI-OPA7740EDD Datasheet
103Kb / 1P
   Infrared LED Chip
OPA8328H KODENSHI-OPA8328H Datasheet
105Kb / 1P
   Infrared LED Chip
OPA8525HP KODENSHI-OPA8525HP Datasheet
98Kb / 1P
   Infrared LED Chip
OPA8535H(A) KODENSHI-OPA8535H(A) Datasheet
100Kb / 1P
   Infrared LED Chip
OPA8537RC KODENSHI-OPA8537RC Datasheet
121Kb / 1P
   Infrared LED Chip
OPA8709 KODENSHI-OPA8709 Datasheet
99Kb / 1P
   Infrared LED Chip
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com