Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B1215 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # B1215
Description  Desoldering Tool
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

B1215 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button B1215 Datasheet HTML 6Page - List of Unclassifed Manufacturers B1215 Datasheet HTML 7Page - List of Unclassifed Manufacturers B1215 Datasheet HTML 8Page - List of Unclassifed Manufacturers B1215 Datasheet HTML 9Page - List of Unclassifed Manufacturers B1215 Datasheet HTML 10Page - List of Unclassifed Manufacturers B1215 Datasheet HTML 11Page - List of Unclassifed Manufacturers B1215 Datasheet HTML 12Page - List of Unclassifed Manufacturers B1215 Datasheet HTML 13Page - List of Unclassifed Manufacturers B1215 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
9
4. Operation
Heated solder and flux can cause oxides to form and adhere to the nozzle
and the inside of the heating element. These oxides not only lower the
heat conductivity, but can also clog the nozzle and heating element, result-
ing in a drop in suction efficiency. Should there be a noticeable drop in
suction efficiency during operation, replace the filter and clean the nozzle
and heating element with the provided cleaning pin.
Cleaning during Operation
1 Observing the indicator
While looking at the indicator
and with the hole of the nozzle
open, pull the trigger and look
at the indicator. If it is red, clean
the nozzle and heating element,
empty the filter pipe, and replace
the filters. If the indicator is blue,
cleaning is not necessary and
operations can be resumed.
CAUTION
The indicator will not operate ac-
curately if the hole of the nozzle is
closed or if the solder in the hole of
the P.W.B. is not melted.
CAUTION
The indicator on the HAKKO 474
reads in a different way.
For instruction on the reading the
HAKKO 474 indicator, please refer to
the HAKKO 474 instruction manual.
2 Replacing the filter
Replace the filter as shown A to C.
During operation, the filter pipe is
very hot. Wait until the filter pipe
is cool before replacing the filter.
We recommend keeping a second
filter pipe containing new filters
handy, and replacing the installed
filter pipe with this backup filter
pipe.
A Replace the entire filter pipe
with he provided backup filter pipe.
B Pull
C Down
Normal
One-half or
less of rthe
indicator is red.
Abnormal
Three-fourths
of the indicator
is red.
Solution
If three-fourths or more of
the indicator is red, replace
the filter and clean the
nozzle and the inside of
the heating element.
(refer to p.12 Maintenance
of the Desoldering Gun)
CAUTION : If there is a noticeable drop in suction
efficiency, clean the nozzle and heating ele-
ment with the cleaning pin.


Similar Part No. - B1215

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
B1215(X)T-1W MORNSUN-B1215(X)T-1W Datasheet
177Kb / 5P
   DC/DC Converter
B1215(X)T-2W MORNSUN-B1215(X)T-2W Datasheet
360Kb / 4P
   2W, Fixed input voltage , isolated unregulated single output
B1215(X)T-2W MORNSUN-B1215(X)T-2W Datasheet
530Kb / 5P
   SINGLE OUTPUT DC-DC CONVERTER
logo
Guangzhou Reicu Electro...
B1215D-1W REICU-B1215D-1W Datasheet
3Mb / 1P
   1600VDC Isolated 1W Single Output SIP/DIP-Package
REV:3.1
logo
MORNSUN Science& Techno...
B1215D-1WR2 MORNSUN-B1215D-1WR2 Datasheet
1Mb / 6P
   1W, Fixed input voltage, isolated & unregulated single output
More results

Similar Description - B1215

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SW3PF-100 ETC2-SW3PF-100 Datasheet
392Kb / 9P
   DESOLDERING BRAID
DX110 ETC2-DX110 Datasheet
1Mb / 24P
   Desoldering & Rework Stations
logo
OKI electronic componet...
MX-5000 OKI-MX-5000 Datasheet
1Mb / 12P
   Soldering, Desoldering and Rework System
MFR-1300 OKI-MFR-1300 Datasheet
124Kb / 2P
   MFR-1300 Desoldering System
logo
Aven, Inc.
17502 AVEN-17502 Datasheet
668Kb / 1P
   Soldering/Desoldering Kit - 7pc
17501 AVEN-17501 Datasheet
668Kb / 1P
   Soldering/Desoldering Kit - 6pc
logo
List of Unclassifed Man...
A1002 ETC2-A1002 Datasheet
188Kb / 1P
   Desoldering Gun for HAKKO 474.475
logo
Molex Electronics Ltd.
0051317799 MOLEX1-0051317799 Datasheet
31Kb / 1P
   WXMT Micro-Desoldering Tweezers, No Tip Cartridge
logo
List of Unclassifed Man...
DP-DSG2 ETC2-DP-DSG2 Datasheet
815Kb / 32P
   SOLDERING, DESOLDERING AND REWORK SYSTEMS
logo
Molex Electronics Ltd.
0051317899 MOLEX1-0051317899 Datasheet
34Kb / 1P
   WXMT Micro-Desoldering Tweezers, RTW2 Tip Set, WDH 60 Stand
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com