Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM4528C Datasheet(PDF) 2 Page - Analog Power

Part # AM4528C
Description  P & N-Channel 30-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM4528C Datasheet(HTML) 2 Page - Analog Power

  AM4528C Datasheet HTML 1Page - Analog Power AM4528C Datasheet HTML 2Page - Analog Power AM4528C Datasheet HTML 3Page - Analog Power AM4528C Datasheet HTML 4Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
AM4528C
Analog Power
September, 2003 - Rev. A
PRELIMINARY
Publication Order Number:
DS-AM4528_F
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty, representation
or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out of the application or
use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental
damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary in different applications and
actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by
customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL products are not designed,
intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or
sustain life, or for any other application in which the failure of the APL product could create a situation where personal injury or death may occur.
Should Buyer purchase or use APL products for any such unintended or unauthorized application, Buyer shall indemnify and hold APL and its
officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney
fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such
claim alleges that APL was negligent regarding the design or manufacture of the part. APL is an Equal Opportunity/Affirmative Action Employer.
Ch Min
Typ Max
VGS = VDS, ID = 250 uA
N
1
VGS = VDS, ID = -250 uA
P
-0.7
VGS = -12 V, VDS = 0 V
P±100
V
GS = 20 V, VDS = 0 V
N±100
VDS = -16 V, VGS = 0 V
P-1
V
DS = 24 V, VGS = 0 V
N1
V
DS = 5 V, VGS = 10 V
N30
V
DS = -5 V, VGS = -10 V
P-10
VGS = 10 V, ID = 8.5 A
18
VGS = 4.5 V, ID = 7.2 A
28
VGS = -4.5 V, ID = -3.2 A
170
VGS = -2.5 V, ID = -2.6 A
250
V
DS = 15 V, ID = 10 A
N
40
V
DS = -15 V, ID = -9.5 A
P
31
N20
P4
N7
P0.8
N7
P1
N20
P5
N9
P
4
N70
P31
N20
P28
Turn-On Delay Time
Rise Time
nS
N-Chaneel
V
DD=15V, VGS=10V, ID=1A
,
R
GE N=25Ω,
P-Channel
VDD=-15V, VGS=-10V, ID=-1A
RGEN=15Ω
Fall-Time
tf
Turn-Off Delay Time
td(on)
tr
td(off)
mΩ
Total Gate Charge
Qg
Gate-Source Charge
Qgs
N-Channel
V
DS=15V, VGS=10V, ID=10A
P-Channel
VDS=-15V, VGS=-10V, ID=-5A
Drain-Source On-ResistanceA
rDS(on)
N
P
On-State Drain CurrentA
ID(on)
VGS(th)
A
Gate-Body Leakage
IGSS
uA
IDSS
Zero Gate Voltage Drain Current
Limits
Unit
SPECIFICATIONS (TA = 25
oC UNLESS OTHERWISE NOTED)
nA
Static
Test Conditions
V
Symbol
Parameter
Gate-Threshold Voltage
Forward TranconductanceA
gfs
S
nC
Gate-Drain Charge
Qgd
Dynamic


Similar Part No. - AM4528C

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AM452 AME-AM452 Datasheet
341Kb / 21P
   Voltage-to-current transducer IC with a differential input
logo
WOLFSPEED, INC.
AM452 WOLFSPEED-AM452 Datasheet
341Kb / 21P
   Voltage-to-current transducer IC with a differential input
February 2008 Rev 1.2
logo
Analog Microelectronics...
AM452 ANALOGMICRO-AM452 Datasheet
341Kb / 21P
   Voltage-to-current transducer IC with a differential input
February 2008
logo
Analog Power
AM4520H ANALOGPOWER-AM4520H Datasheet
499Kb / 7P
   P & N-Channel 20-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AM4520H DOINGTER-AM4520H Datasheet
2Mb / 9P
   N-Channel and P-Channel MOSFET use advanced trench Technology
More results

Similar Description - AM4528C

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM4532C ANALOGPOWER-AM4532C Datasheet
410Kb / 7P
   N & P-Channel 30-V (D-S) MOSFET
AM4502CE ANALOGPOWER-AM4502CE Datasheet
319Kb / 8P
   P & N-Channel 30-V (D-S) MOSFET
logo
Leshan Radio Company
LNP4606T1G LRC-LNP4606T1G Datasheet
829Kb / 7P
   P & N-Channel 30-V (D-S) MOSFET
logo
Analog Power
AM4502C ANALOGPOWER-AM4502C Datasheet
500Kb / 7P
   N & P-Channel 30-V (D-S) MOSFET
AM4512CE ANALOGPOWER-AM4512CE Datasheet
266Kb / 8P
   P & N-Channel 30-V (D-S) MOSFET
AM7530C ANALOGPOWER-AM7530C Datasheet
109Kb / 3P
   P & N-Channel 30-V (D-S) MOSFET
AMD534CE ANALOGPOWER-AMD534CE Datasheet
191Kb / 3P
   P & N-Channel 30-V (D-S) MOSFET
AM4536C ANALOGPOWER-AM4536C Datasheet
90Kb / 3P
   P & N-Channel 30-V (D-S) MOSFET
AM3599CE ANALOGPOWER-AM3599CE Datasheet
402Kb / 7P
   N & P-Channel 30-V (D-S) MOSFET
AM3530C ANALOGPOWER-AM3530C Datasheet
565Kb / 7P
   N & P-Channel 30-V (D-S) MOSFET
AMCC530C ANALOGPOWER-AMCC530C Datasheet
475Kb / 7P
   N & P-Channel 30-V (D-S) MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com