Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS11014 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PS11014
Description  Patch Lead - CAT 5E
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PS11014 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PS11014 Datasheet HTML 1Page - List of Unclassifed Manufacturers PS11014 Datasheet HTML 2Page - List of Unclassifed Manufacturers PS11014 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Patch Lead - CAT 5E
Page <1>
15/03/11 V1.1
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Dimensions : Millimetres
Electrical Test
100% open short and miss wire test
Item
Parts Name
Description
1
8P8C Plug
8P8Cplug, pin gold plated
2
Moulding
45P PVC
3
CAT5E Cable
(7/0.18 mm bare copper + HD-PE) × 4P
Jacket : PVC colour
Outer diameter : Ø5.5 ±0.2 mm
Marking : RW system cable TP CATSE 4 pairs 24 AWG stranded TIA / EUA568 100 MHz
Specifications Table


Similar Part No. - PS11014

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PS11014 POWEREX-PS11014 Datasheet
407Kb / 6P
   FLAT-BASE TYPE INSULATED TYPE
logo
Mitsubishi Electric Sem...
PS11014 MITSUBISHI-PS11014 Datasheet
414Kb / 6P
   Converter bridge for 3 phase AC-to-DC power conversion
More results

Similar Description - PS11014

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-MCUP-80005-G-R ASSMANN-A-MCUP-80005-G-R Datasheet
45Kb / 1P
   Cat 5e UTP Patch Cable
A-MCUP-80005-R-R ASSMANN-A-MCUP-80005-R-R Datasheet
45Kb / 1P
   Cat 5e UTP Patch Cable
A-MCUP-80030-B-R ASSMANN-A-MCUP-80030-B-R Datasheet
46Kb / 1P
   Cat 5e UTP Patch Cable
A-MCUP-80030-R-R ASSMANN-A-MCUP-80030-R-R Datasheet
46Kb / 1P
   Cat 5e UTP Patch Cable
A-MCUP-80100-R ASSMANN-A-MCUP-80100-R Datasheet
46Kb / 1P
   Cat 5e UTP Patch Cable
A-MCSP-80010-R-R ASSMANN-A-MCSP-80010-R-R Datasheet
80Kb / 1P
   CAT.5E FTP PATCH CABLE
A-MCSP-80020-B-R ASSMANN-A-MCSP-80020-B-R Datasheet
62Kb / 1P
   CAT.5E FTP PATCH CABLE
A-MCSP-80030-R-R ASSMANN-A-MCSP-80030-R-R Datasheet
81Kb / 1P
   CAT.5E FTP PATCH CABLE
A-MCSP-80050-R ASSMANN-A-MCSP-80050-R Datasheet
80Kb / 1P
   CAT.5E FTP PATCH CABLE
A-MCSP-80050-R-R ASSMANN-A-MCSP-80050-R-R Datasheet
80Kb / 1P
   CAT.5E FTP PATCH CABLE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com