Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T93 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # T93
Description  3/8 Square Multi-Turn Cermet Trimmer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T93 Datasheet(HTML) 3 Page - Vishay Siliconix

  T93_13 Datasheet HTML 1Page - Vishay Siliconix T93_13 Datasheet HTML 2Page - Vishay Siliconix T93_13 Datasheet HTML 3Page - Vishay Siliconix T93_13 Datasheet HTML 4Page - Vishay Siliconix T93_13 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
T93
3/8" Square Multi-Turn Cermet Trimmer
Vishay Sfernice
Document Number: 51026
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 24-Aug-10
See also Application Note: www.vishay.com/doc?51001 and www.vishay.com/doc?52029
75
STANDARD RESISTANCE ELEMENT DATA
STANDARD
RESISTANCE
VALUES
LINEAR LAW
TYPICAL
TCR
- 55 °C
+ 125 °C
MAX. POWER
AT 70 °C
MAX. WORKING
VOLTAGE
MAX. CURRENT
THROUGH WIPER
Ω
WV
mA
ppm/°C
10
22
47
100
220
470
1K
2.2K
4.7K
10K
22K
47K
100K
220K
470K
1M
2.2M
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.28
0.13
0.06
0.028
2.2
3.3
4.8
7
10.5
15.3
22.4
33.2
48.5
70.7
105
153
224
250
250
250
250
224
150
103
70
47
32
22
15
10
7
4.8
3.2
2.2
1.1
0.53
0.25
0.11
± 100
PERFORMANCES
TESTS
CONDITIONS
TYPICAL VALUES AND DRIFTS
ΔRT/RT (%)
ΔR1-2/R1-2 (%)
Load life
1000 h at rated power
90'/30' - ambient temp. 70 °C
± 1 %
Contact res. variation: < 1 % Rn
± 2 %
Climatic sequence
Phase A dry heat 125 °C - 30 % Pr
Phase B damp heat
Phase C cold - 55 °C
Phase D damp heat 5 cycles
± 0.5 %
± 1 %
Long term damp heat
56 days
40 °C, 93 % RH
± 0.5 %
Dielectric strength: 1000 VRMS
Insulation resistance: > 104 M
Ω
± 1 %
Rapid temperature change
5 cycles
- 55 °C at + 125 °C
± 0.5 %
ΔV1-2/ΔV1-3 ≤ ± 1 %
Shock
50 g at 11 ms
3 successive shocks
in 3 directions
± 0.1 %
± 0.2 %
Vibration
10 Hz to 55 Hz
0.75 mm or 10 g
during 6 h
± 0.1 %
ΔV1-2/ΔV1-3 ≤ ± 0.2 %
Rotational life
200 cycles
± 4 %
Contact res. variation: < 1 % Rn
-
MARKING
• VISHAY trademark
•Model
•Style
•Ohmic value (in
Ω, kΩ, MΩ)
• Tolerance (in %)
• Manufacturing date
• Marking of terminal 3
PACKAGING
• In tube of 50 pieces code T20 (TU50)


Similar Part No. - T93_13

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T93 VISHAY-T93_17 Datasheet
110Kb / 5P
   3/8" Square Multi-Turn Cermet Trimmer
Revision: 26-Jan-18
More results

Similar Description - T93_13

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T93XB503KT20 VISHAY-T93XB503KT20 Datasheet
116Kb / 6P
   3/8 Square Multi-Turn Cermet Trimmer
Revision: 05-Aug-13
T93YA202KT20 VISHAY-T93YA202KT20 Datasheet
96Kb / 5P
   3/8 Square Multi-Turn Cermet Trimmer
Revision: 05-Aug-13
T93YB202KT20 VISHAY-T93YB202KT20 Datasheet
96Kb / 5P
   3/8 Square Multi-Turn Cermet Trimmer
Revision: 05-Aug-13
T93XA202KT20 VISHAY-T93XA202KT20 Datasheet
96Kb / 5P
   3/8" Square Multi-Turn Cermet Trimmer
Revision: 05-Aug-13
T93YA102KT20 VISHAY-T93YA102KT20 Datasheet
96Kb / 5P
   3/8 Square Multi-Turn Cermet Trimmer
Revision: 05-Aug-13
T93 VISHAY-T93_17 Datasheet
110Kb / 5P
   3/8" Square Multi-Turn Cermet Trimmer
Revision: 26-Jan-18
T93 VISHAY-T93_V01 Datasheet
90Kb / 5P
   3/8" Square Multi-Turn Cermet Trimmer
01-Jan-2022
T93YA502KT20 VISHAY-T93YA502KT20 Datasheet
96Kb / 5P
   Square Multi-Turn Cermet Trimmer
Revision: 05-Aug-13
M64P224KB40 VISHAY-M64P224KB40 Datasheet
105Kb / 5P
   3/8 Square (10 mm) Multi-Turn Cermet Trimmer
01-Jan-2022
64P201E3 VISHAY-64P201E3 Datasheet
137Kb / 4P
   3/8 Square (10 mm) Multi-Turn Cermet Trimmer
Revision: 04-Sep-07
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com