Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU8A Datasheet(PDF) 1 Page - Kwang Myoung I.S. CO.,LTD

Part # KBU8A
Description  8 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KISEMICONDUCTOR [Kwang Myoung I.S. CO.,LTD]
Direct Link  http://www.kmis.co.kr/
Logo KISEMICONDUCTOR - Kwang Myoung I.S. CO.,LTD

KBU8A Datasheet(HTML) 1 Page - Kwang Myoung I.S. CO.,LTD

  KBU8A Datasheet HTML 1Page - Kwang Myoung I.S. CO.,LTD KBU8A Datasheet HTML 2Page - Kwang Myoung I.S. CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KBU801
THRU
KBU807
8 Amp Single Phase
Bridge Rectifier
50 to 1000 Volts
Features
Low Forward Voltage Drop
Ideal For Printer Circuit Boards
High Current Capability and High Reliability
High Surge Current Capability
Maximum Ratings
Operating Temperature: -50
°C to +150°C
Storage Temperature: -50
°C to +150°C
Catalog
Number
Device
Marking
Maximum
Reccurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
KBU801
KBU8A
50V
35V
50V
KBU802
KBU8B
100V
70V
100V
KBU803
KBU8D
200V
140V
200V
KBU804
KBU8G
400V
280V
400V
KBU805
KBU8J
600V
420V
600V
KBU806
KBU8K
800V
560V
800V
KBU807
KBU8M
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
8 A
Tc = 100
°C
Peak Forward Surge
Current
IFSM
200A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.0V
TC = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10
µA
300mA
TC = 25
°C
TC = 100
°C
*Pulse Test: Pulse Width 300
µsec, Duty Cycle 2%
(NOTE 1,2 )
KBU
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.895
.935
22.7
23.7
B
.600
.700
16.8
17.8
C
.740
.780
18.8
19.8
NOM
D
.15
∅ x
.23L
3.8
∅ x
5.7L
HOLE
E
---
.300
---
7.5
NOM
F
.100
--
25.4
---
J
.268
.280
6.8
7.1
K
---
.140
---
5.3
NOM
L
.180
.220
4.6
5.6
3PL
A
C
B
D
E
F
G
J
K
L
A
+
-
C
G
.048
.052
1.2
1.3
KI SEMICONDUCTOR
KI SEMICONDUCTOR


Similar Part No. - KBU8A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
KBU8A SUNMATE-KBU8A Datasheet
410Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
Pan Jit International I...
KBU8A PANJIT-KBU8A Datasheet
55Kb / 2P
   SILICON SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 8.0 Amperes)
logo
Galaxy Semi-Conductor H...
KBU8A BILIN-KBU8A Datasheet
107Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
America Semiconductor, ...
KBU8A AMERICASEMI-KBU8A Datasheet
583Kb / 2P
   BRIDGE RECTIFIERS
logo
Galaxy Semi-Conductor H...
KBU8A BILIN-KBU8A Datasheet
145Kb / 3P
   Silicon Bridge Rectifiers
More results

Similar Description - KBU8A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MB805 MCC-MB805_08 Datasheet
123Kb / 3P
   8 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB805 MCC-MB805_11 Datasheet
154Kb / 3P
   8 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
PB805 MCC-PB805 Datasheet
394Kb / 3P
   8 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
RS801 MCC-RS801 Datasheet
37Kb / 2P
   8 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
RS801 MCC-RS801_16 Datasheet
198Kb / 3P
   8 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB805 MCC-MB805 Datasheet
78Kb / 2P
   8 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB5005 MCC-MB5005 Datasheet
78Kb / 2P
   50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB5005W MCC-MB5005W_13 Datasheet
152Kb / 3P
   50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005 MCC-MP5005_10 Datasheet
199Kb / 3P
   50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005 MCC-MP5005_16 Datasheet
417Kb / 3P
   50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com