Electronic Components Datasheet Search |
|
KBU8K Datasheet(PDF) 1 Page - Kwang Myoung I.S. CO.,LTD |
|
KBU8K Datasheet(HTML) 1 Page - Kwang Myoung I.S. CO.,LTD |
1 / 2 page KBU801 THRU KBU807 8 Amp Single Phase Bridge Rectifier 50 to 1000 Volts Features • Low Forward Voltage Drop • Ideal For Printer Circuit Boards • High Current Capability and High Reliability • High Surge Current Capability Maximum Ratings • Operating Temperature: -50 °C to +150°C • Storage Temperature: -50 °C to +150°C Catalog Number Device Marking Maximum Reccurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage KBU801 KBU8A 50V 35V 50V KBU802 KBU8B 100V 70V 100V KBU803 KBU8D 200V 140V 200V KBU804 KBU8G 400V 280V 400V KBU805 KBU8J 600V 420V 600V KBU806 KBU8K 800V 560V 800V KBU807 KBU8M 1000V 700V 1000V Electrical Characteristics @ 25°C Unless Otherwise Specified Average Forward Current IF(AV) 8 A Tc = 100 °C Peak Forward Surge Current IFSM 200A 8.3ms, half sine Maximum Instantaneous Forward Voltage VF 1.0V TC = 25 °C Maximum DC Reverse Current At Rated DC Blocking Voltage IR 10 µA 300mA TC = 25 °C TC = 100 °C *Pulse Test: Pulse Width 300 µsec, Duty Cycle 2% (NOTE 1,2 ) KBU DIMENSIONS INCHES MM DIM MIN MAX MIN MAX NOTE A .895 .935 22.7 23.7 B .600 .700 16.8 17.8 C .740 .780 18.8 19.8 NOM D .15 ∅ x .23L 3.8 ∅ x 5.7L HOLE E --- .300 --- 7.5 NOM F .100 -- 25.4 --- J .268 .280 6.8 7.1 K --- .140 --- 5.3 NOM L .180 .220 4.6 5.6 3PL A C B D E F G J K L A + - C G .048 .052 1.2 1.3 KI SEMICONDUCTOR KI SEMICONDUCTOR |
Similar Part No. - KBU8K |
|
Similar Description - KBU8K |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |