Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA1316-H Datasheet(PDF) 3 Page - KODENSHI_AUK CORP.

Part # SA1316-H
Description  Low power consumption type chip LED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SA1316-H Datasheet(HTML) 3 Page - KODENSHI_AUK CORP.

  SA1316-H Datasheet HTML 1Page - KODENSHI_AUK CORP. SA1316-H Datasheet HTML 2Page - KODENSHI_AUK CORP. SA1316-H Datasheet HTML 3Page - KODENSHI_AUK CORP. SA1316-H Datasheet HTML 4Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AUK CORP.
SA1316-H
The contents of this data sheet are subject to change without advance notice for the purpose of improvement.
When using this product, would you please refer to the latest specifications.
Rev.O date: 08-AUG-11
AUK-LDM-001(A)
5. Electrical / Optical Characteristics
(Ta=25
oC)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Forward voltage
VF
IF= 20mA
-
2.0
2.4
V
*3 Luminous intensity
IV
IF= 20mA
27
-
155
mcd
Peak wavelength
λP
IF= 20mA
632
635
641
nm
Spectrum bandwidth
λ
IF= 20mA
-
35
-
nm
Reverse current
IR
VR=4V
-
-
10
uA
*4 Half angle
θ/2
X
IF= 20mA
-
±
65
-
deg
Y
-
±
70
-
*3. The test result of IF=20mA is only for reference
*4. θ/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity
◆ VF / IV / λP Grade Classification (Ta=25℃)
Test Condition @IF = 20mA
Luminous Intensity [mcd]
Peak Wavelength [nm]
B : 27~43
a : 632~635
C : 43~68
D : 68~100
b : 635~641
E : 100~155
(Each IV, λP range did not consider a margin. Please refer to ±18% of IV range,
±1nm of λP range as a permitted limit and do not use to combine grade classification.
It must be used separately grade classification)
* Recommended Soldering Land Pattern


Similar Part No. - SA1316-H

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SA1316-E KODENSHI-SA1316-E Datasheet
190Kb / 4P
   Low power consumption type chip LED
More results

Similar Description - SA1316-H

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SA1316-E KODENSHI-SA1316-E Datasheet
190Kb / 4P
   Low power consumption type chip LED
SA1316 KODENSHI-SA1316 Datasheet
210Kb / 4P
   Low power consumption type chip LED
logo
BRIGHT LED ELECTRONICS ...
BL-B21V1 BRIGHT-BL-B21V1 Datasheet
145Kb / 2P
   LED GaP/GaP Low power consumption.
logo
Rohm
SML-311 ROHM-SML-311 Datasheet
73Kb / 3P
   Chip LEDs with low power consumption
SML-211DT ROHM-SML-211DT Datasheet
84Kb / 3P
   Chip LEDs with low power consumption
logo
BRIGHT LED ELECTRONICS ...
BL-C3336M BRIGHT-BL-C3336M Datasheet
131Kb / 2P
   LED GaAsP/GaP Yellow Low power consumption.
BL-C2436 BRIGHT-BL-C2436 Datasheet
134Kb / 2P
   LED GaP/GaP Green Low power consumption.
BL-C2131A BRIGHT-BL-C2131A Datasheet
133Kb / 2P
   LED GaP/GaP Green Low power consumption.
BL-C3132 BRIGHT-BL-C3132 Datasheet
153Kb / 2P
   LED GaAsP/GaP yellow Low power consumption.
logo
NIHON DEMPA KOGYO
NZ2520SHB NDK-NZ2520SHB_18 Datasheet
833Kb / 2P
   Low current consumption Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com