Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU606 Datasheet(PDF) 1 Page - Kwang Myoung I.S. CO.,LTD

Part # KBU606
Description  6 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KISEMICONDUCTOR [Kwang Myoung I.S. CO.,LTD]
Direct Link  http://www.kmis.co.kr/
Logo KISEMICONDUCTOR - Kwang Myoung I.S. CO.,LTD

KBU606 Datasheet(HTML) 1 Page - Kwang Myoung I.S. CO.,LTD

  KBU606 Datasheet HTML 1Page - Kwang Myoung I.S. CO.,LTD KBU606 Datasheet HTML 2Page - Kwang Myoung I.S. CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KBU601
THRU
KBU607
6 Amp Single Phase
Bridge Rectifier
50 to 1000 Volts
KBU
Features
Low Leakage
Low Forward Voltage
Any Mounting Position
Silver Plated Copper Leads
Surge Overload Rating Of 200 Amps
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.895
.935
22.70
23.70
B
---
.760
---
19.30
C
.660
.700
16.80
17.80
D
.15
∅ x
.23L
3.8
∅ x
5.57L
HOLE
E
1.00
---
25.40
---
F
.048
.052
1.20
1.30
TYP
G
.260
.280
6.60
7.10
H
.180
.220
4.60
5.60
I
.185
.205
4.70
5.20
Maximum Ratings
Operating Temperature: -55
°C to +125°C
Storage Temperature: -55
°C to +150°C
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
KBU601
KBU6A
50V
35V
50V
KBU602
KBU6B
100V
70V
100V
KBU603
KBU6D
200V
140V
200V
KBU604
KBU6G
400V
280V
400V
KBU605
KBU6J
600V
420V
600V
KBU606
KBU6K
800V
560V
800V
KBU607
KBU6M
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
6.0A
TA = 65
°C
Peak Forward Surge
Current
IFSM
200A
8.3ms, half sine
Maximum Forward
Voltage Drop Per
Element
VF
1.1V
IFM = 3.0A;
TJ = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10
µA
1 mA
TA = 25
°C
TA = 100
°C
*Pulse test: Pulse width 300
µsec, Duty cycle 1%
A
B
C
D
E
F
G
I
H
A
+
-
KI SEMICONDUCTOR
KI SEMICONDUCTOR


Similar Part No. - KBU606

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
KBU606 YFWDIODE-KBU606 Datasheet
780Kb / 3P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Surge Components
KBU606 SURGE-KBU606 Datasheet
114Kb / 2P
   Single Phase 6.0 AMPS. Silicon Bridge Rectifiers?
logo
First Components Intern...
KBU606 FCI-KBU606 Datasheet
126Kb / 2P
   6.0 Amp SINGLE PHASE SILICON BRIDGE
logo
DONGGUAN YOU FENG WEI E...
KBU606 YFWDIODE-KBU606 Datasheet
210Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
KBU606 JUXING-KBU606 Datasheet
1Mb / 2P
   BRIDGE RECTIFIERS
More results

Similar Description - KBU606

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
RS601 MCC-RS601 Datasheet
78Kb / 2P
   6 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
PB605 MCC-PB605_08 Datasheet
118Kb / 3P
   6 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
PB605 MCC-PB605_13 Datasheet
273Kb / 3P
   6 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
RS601 MCC-RS601_16 Datasheet
183Kb / 3P
   6 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB5005 MCC-MB5005 Datasheet
78Kb / 2P
   50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB5005W MCC-MB5005W_13 Datasheet
152Kb / 3P
   50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005 MCC-MP5005_10 Datasheet
199Kb / 3P
   50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005 MCC-MP5005_16 Datasheet
417Kb / 3P
   50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005W MCC-MP5005W_08 Datasheet
110Kb / 3P
   50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005 MCC-MP5005 Datasheet
77Kb / 2P
   50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com