Selected language     English  ▼


W005M Datasheet(PDF) 1 Page - Kwang Myoung I.S. CO.,LTD

Part No. W005M
Description  1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KISEMICONDUCTOR [Kwang Myoung I.S. CO.,LTD]
Homepage  http://www.kmis.co.kr/
Logo 

   
 1 page
background image
W005M
THRU
W10M
1.5 Amp Single Phase
Bridge Rectifier
50 to 1000 Volts
Features
Low Profile Package
Any Mounting Position
Surge Overload Rating Of 50 Amps
UL Recognized File # E165989
Maximum Ratings
Operating Temperature: -55
°C to +125°C
Storage Temperature: -55
°C to +150°C
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
W005M
W005M
50V
35V
50V
W01M
W01M
100V
70V
100V
W02M
W02M
200V
140V
200V
W04M
W04M
400V
280V
400V
W06M
W06M
600V
420V
600V
W08M
W08M
800V
560V
800V
W10M
W10M
1000V
700V
1000v
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.5A
TJ = 25
°C
Peak Forward Surge
Current
IFSM
50A
8.3ms, half sine
Maximum Forward
Voltage Drop Per
Element
VF
1.0V
IFM = 1.5A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10
µA
1mA
TJ = 25
°C
TJ = 100
°C
*Pulse test: Pulse width 300
µsec, Duty cycle 1%
E
E
AC
AC
+
-
A
B
C
D
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
----
.358
------
9.10
B
----
.225
------
5.70
C
1.000
---
25.40
---
D
1.098
---
27.90
---
E
.180
.220
4.60
5.60
WOM
F
F
.030
.032
0.76
0.81
KI SEMICONDUCTOR
KI SEMICONDUCTOR




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl